Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-0402-ABA-CD-AE Datasheet(PDF) 3 Page - ON Semiconductor

Part # KAF-0402-ABA-CD-AE
Description  FULL FRAME CCD IMAGE SENSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-0402-ABA-CD-AE Datasheet(HTML) 3 Page - ON Semiconductor

  KAF-0402-ABA-CD-AE Datasheet HTML 1Page - ON Semiconductor KAF-0402-ABA-CD-AE Datasheet HTML 2Page - ON Semiconductor KAF-0402-ABA-CD-AE Datasheet HTML 3Page - ON Semiconductor KAF-0402-ABA-CD-AE Datasheet HTML 4Page - ON Semiconductor KAF-0402-ABA-CD-AE Datasheet HTML 5Page - ON Semiconductor KAF-0402-ABA-CD-AE Datasheet HTML 6Page - ON Semiconductor KAF-0402-ABA-CD-AE Datasheet HTML 7Page - ON Semiconductor KAF-0402-ABA-CD-AE Datasheet HTML 8Page - ON Semiconductor KAF-0402-ABA-CD-AE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
KAF−0402
www.onsemi.com
3
DEVICE DESCRIPTION
Architecture
Figure 2. Block Diagram
768 Active Pixels/Line
VRD
fR
VDD
VOUT
VSS
SUB
VOG
4 Dark
10 Inactive
12 Dark
2 Inactive
4 Dark Lines
fV1
fV2
GUARD
fH1
fH2
KAF−0402
Usable Active Image Area
768 (H)
× 512 (V)
9
× 9 mm Pixels
3:2 Aspect Ratio
4 Dark Lines
The sensor consists of 784 parallel (vertical) CCD shift
registers each 520 elements long. These registers act as both
the photosensitive elements and as the transport circuits that
allow the image to be sequentially read out of the sensor.
The parallel (vertical) CCD registers transfer the image one
line at a time into a single 796-element (horizontal) CCD
shift register. The horizontal register transfers the charge to
a single output amplifier. The output amplifier is a two-stage
source follower that converts the photo-generated charge to
a voltage for each pixel.
Microlenses
Microlenses are formed along each row. They are
effectively half of a cylinder centered on the transparent
gates, extending continuously in the row direction. They act
to direct the photons away from the polysilicon gate and
through the transparent gate. This increases the response,
especially at the shorter wavelengths (< 600 nm).
Figure 3. Microlens
Silicon
Microlens
V1
V2


Similar Part No. - KAF-0402-ABA-CD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261 Datasheet
219Kb / 15P
   Full Frame CCD Image Sensor
August, 2014 ??Rev. 2
KAF-0261 ONSEMI-KAF-0261 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-AE ONSEMI-KAF-0261-AAA-CD-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-BA ONSEMI-KAF-0261-AAA-CD-BA Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CP-AE ONSEMI-KAF-0261-AAA-CP-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
More results

Similar Description - KAF-0402-ABA-CD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com