Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-0402-AAA-CP-B2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAF-0402-AAA-CP-B2
Description  FULL FRAME CCD IMAGE SENSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-0402-AAA-CP-B2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAF-0402-AAA-CP-B2 Datasheet HTML 2Page - ON Semiconductor KAF-0402-AAA-CP-B2 Datasheet HTML 3Page - ON Semiconductor KAF-0402-AAA-CP-B2 Datasheet HTML 4Page - ON Semiconductor KAF-0402-AAA-CP-B2 Datasheet HTML 5Page - ON Semiconductor KAF-0402-AAA-CP-B2 Datasheet HTML 6Page - ON Semiconductor KAF-0402-AAA-CP-B2 Datasheet HTML 7Page - ON Semiconductor KAF-0402-AAA-CP-B2 Datasheet HTML 8Page - ON Semiconductor KAF-0402-AAA-CP-B2 Datasheet HTML 9Page - ON Semiconductor KAF-0402-AAA-CP-B2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
KAF−0402
www.onsemi.com
6
IMAGING PERFORMANCE
Specifications
Electro-Optical
All values measured at 25
°C and nominal operating conditions. These parameters exclude defective pixels.
Table 5. SPECIFICATIONS
Description
Symbol
Min.
Nom.
Max.
Units
Notes
Verification Plan
Saturation Signal
Vertical CCD Capacity
Horizontal CCD Capacity
Output Node Capacity
NSAT
85,000
170,000
190,000
100,000
200,000
220,000
240,000
e/pix
1
Design9
Quantum Efficiency
(see Figure 6)
Design9
Photoresponse Non-Linearity
PRNL
1.0
2.0
%
2
Photoresponse Non-Uniformity
PRNU
0.8
%
3
Die8
Dark Signal
JDARK
15
6
30
10
e/pix/sec
pA/cm2
4
Die8
Dark Signal Doubling
Temperature
6.3
7
°C
Design9
Dark Signal Non-Uniformity
DSNU
15
30
e/pix/sec
5
Die8
Dynamic Range
DR
72
76
dB
6
Design9
Charge Transfer Efficiency
CTE
0.99997
0.99999
Die8
Output Amplifier DC Offset
VODC
VRD
VRD + 0.5
VRD + 1.0
V
Design9
Output Amplifier Sensitivity
VOUT/Ne−
9
10
mV/e
Design9
Output Amplifier Output
Impedance
ZOUT
180
200
220
W
Design9
Noise Floor
ne−
15
20
electrons
7
1. For pixel binning applications, electron capacity up to 330,000 can be achieved with modified CCD inputs.
2. Worst case deviation from straight line fit, between 2% and 90% of VSAT.
3. One Sigma deviation of a 128
× 128 sample when CCD illuminated uniformly at half of saturation.
4. Average of all pixels with no illumination at 25
°C.
5. Average dark signal of any of 11
× 8 blocks within the sensor (each block is 128 × 128 pixels).
6. 20LOG (NSAT /ne−) at nominal operating frequency and 25°C.
7. Noise floor is specified at the nominal pixel frequency and excludes any dark or pattern noises. It is dominated by the output amplifier power
spectrum with a bandwidth = 5
⋅ pixel rate.
8. A parameter that is measured on every sensor during production testing.
9. A parameter that is quantified during the design verification activity.


Similar Part No. - KAF-0402-AAA-CP-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261 Datasheet
219Kb / 15P
   Full Frame CCD Image Sensor
August, 2014 ??Rev. 2
KAF-0261 ONSEMI-KAF-0261 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-AE ONSEMI-KAF-0261-AAA-CD-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-BA ONSEMI-KAF-0261-AAA-CD-BA Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CP-AE ONSEMI-KAF-0261-AAA-CP-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
More results

Similar Description - KAF-0402-AAA-CP-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com