Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA2255 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ENA2255
Description  64 kb SPI CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2255 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ENA2255 Datasheet HTML 6Page - ON Semiconductor ENA2255 Datasheet HTML 7Page - ON Semiconductor ENA2255 Datasheet HTML 8Page - ON Semiconductor ENA2255 Datasheet HTML 9Page - ON Semiconductor ENA2255 Datasheet HTML 10Page - ON Semiconductor ENA2255 Datasheet HTML 11Page - ON Semiconductor ENA2255 Datasheet HTML 12Page - ON Semiconductor ENA2255 Datasheet HTML 13Page - ON Semiconductor ENA2255 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LE25CB643TT-BH
No.A2255-10/17
2. Status Register
The Status Register can perform detection state of a device and setup of protection. The register consists of 8 bits.
The Status Register's contents are shown in Table2.
Table 2 : Status Register
Bit
Name
Logic
Function
Default at Power up
0
Ready state
Bit0
RDY
1
Busy state (Write operation progress)
0
0
Write prohibition state
Bit1
WEN
1
Write possible state
0
0
Bit2
BP0
1
Non-volatile information
0
Bit3
BP1
1
The block protect information
Reference Status Registers BP0 and BP1
Non-volatile Information
Bit4
X
0
Reserve Bit
0
Bit5
X
0
Reserve Bit
0
Bit6
X
0
Reserve Bit
0
0
Status Register Write enable state
Bit7
SRWP
1
Status Register Write disable state
Non-volatile Information
2-1. Status Register Read (RDSR)
Status Register Read can read the Status Register’s contents, moreover it can read also during the write operation.
Figure5 shows timing waveform of a Status Register Read.
Status Register command consists of only the 1st bus, If OP-code (05h) dose writes in, synchronizing with falling edge
of SCK, the Status Register's contents will be outputted from SRWP (Bit7).
If the data is outputted until RDY (Bit0), and also SCK input continues still more, it returns to SRWP and data output is
continued. Data is outputted from the falling edge clock of the 1st bus cycle Bit0.
Status Register Read can be read always (also in case of inside of write cycle).
Figure 5: Read Status Register Timing Diagram
CS
SCK
05h
(0000101)
0
8CLK
Mode3
Mode0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
SI
SO
7
6
5
4
3
2
1
0
7
Status Register Out
High Impedance


Similar Part No. - ENA2255

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2251 ONSEMI-ENA2251 Datasheet
175Kb / 5P
   AF Controller
March, 2013
More results

Similar Description - ENA2255

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com