Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1156A Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA1156A
Description  8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1156A Datasheet(HTML) 5 Page - ON Semiconductor

  ENA1156A Datasheet HTML 1Page - ON Semiconductor ENA1156A Datasheet HTML 2Page - ON Semiconductor ENA1156A Datasheet HTML 3Page - ON Semiconductor ENA1156A Datasheet HTML 4Page - ON Semiconductor ENA1156A Datasheet HTML 5Page - ON Semiconductor ENA1156A Datasheet HTML 6Page - ON Semiconductor ENA1156A Datasheet HTML 7Page - ON Semiconductor ENA1156A Datasheet HTML 8Page - ON Semiconductor ENA1156A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LC87F7DC8A
No.A1156-5/26
Continued from preceding page.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC, X’tal, and frequency variable RC oscillators automatically stop operation.
2) There are three ways of resetting the HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer
and the remote control receiver circuit.
1) The CF, RC, and frequency variable RC oscillators automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an interrupt source established in the remote control receiver circuit
On-chip Debugger
• Supports software debugging with the IC mounted on the target board.
Package Form
• QIP100E(14×20): Lead-free type
• TQFP100(14×14): Lead-free type/Halogen-free type
Development Tools
• On-chip debugger: TCB87-TypeB + LC87F7DC8A
Flash ROM Programming Boards
Package
Programming boards
QIP100E(14
×20)
W87FQ100
TQFP100(14
×14)
W87FSQ100
Flash ROM Programmer
Maker
Model
Supported version
Device
Flash Support Group, Inc.
(FSG)
Single
AF9708
AF9709/AF9709B/AF9709C
(Including product of Ando
Electric Co., Ltd)
(Note 2)
LC87F7DC8A
Gang
AF9723/AF9723B(Main body)
(Including product of Ando
Electric Co., Ltd)
(Note 2)
LC87F7DC8A
AF9833(Unit)
(Including product of Ando
Electric Co., Ltd)
(Note 2)
Flash Support Group, Inc.
(FSG)
+
Our company (Note 1)
Onboard
Single/Gang
AF9101/AF9103(Main body)
(FSG)
(Note 2)
LC87F7DC8A
SIB87(interface driver)
(Our company model)
Our company
Single/Gang
SKK/SKK Type B
(SANYO FWS)
Application Version
After 1.04
Chip Data Version
After 2.16
LC87F7DC8A
Onboard
Single/Gang
SKK-DBG Type B
(SANYO FWS)
Note 1: With the FSG onboard programmer (AF9101/AF9103) and the serial interface driver provided by Our
company, PC-less standalone onboard programming is possible
Note 2: Depending on programming conditions, it is necessary to use a dedicated programming device and a program.
Please contact Our company or FSG if you have any questions or difficulties regarding this matter.


Similar Part No. - ENA1156A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1156 SANYO-ENA1156 Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - ENA1156A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com