Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8121YTVA5 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8121YTVA5
Description  5V, 1A Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8121YTVA5 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8121YTVA5 Datasheet HTML 1Page - ON Semiconductor CS8121YTVA5 Datasheet HTML 2Page - ON Semiconductor CS8121YTVA5 Datasheet HTML 3Page - ON Semiconductor CS8121YTVA5 Datasheet HTML 4Page - ON Semiconductor CS8121YTVA5 Datasheet HTML 5Page - ON Semiconductor CS8121YTVA5 Datasheet HTML 6Page - ON Semiconductor CS8121YTVA5 Datasheet HTML 7Page - ON Semiconductor CS8121YTVA5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
If the input voltage rises above 30V (e.g. load dump), the
output shuts down. This response protects the internal cir-
cuitry and enables the IC to survive unexpected voltage
transients.
Using an emitter sense scheme, the amount of current
through the NPN pass transistor is monitored. Feedback
circuitry insures that the output current never exceeds a
preset limit.
Should the junction temperature of the power device
exceed 180°C (typ) the power transistor is turned off.
Thermal shutdown is an effective means to prevent die
overheating since the power transistor is the principle
heat source in the IC.
The CS8121 contains two microprocessor compatible con-
trol functions:
and
(Figure 3).
Function
The
function switches the output transistor.
When the voltage on the
lead exceeds 2.9V typ,
the output pass transistor turns off, leaving a high
impedance facing the load. The IC will remain in Sleep
mode, drawing only 250µA, until the voltage on the lead
drops below 2.1V typ. Hysteresis (800mV) is built into the
function to provide good noise immunity.
Function
A
signal (low voltage) is generated as the IC pow-
ers up (VOUT > VOUT - 100mV) or when VOUT drops out of
regulation (VOUT < VOUT - 140mV, typ). 40mV of hysteresis
is included in the function to minimize oscillations.
The
output is an open collector NPN transistor,
controlled by a low voltage detection circuit. The circuit is
functionally independent of the rest of the IC, thereby
guaranteeing that the RESET signal is valid for VOUT as
low as 1V.
An external RC network on the
lead (Figure 4) pro-
vides a sufficiently long delay for most microprocessor
based applications. RC values can be chosen using the
following formula:
RTOT × CRST
where:
RTOT = RRST in parallel with RIN,
RIN
= µP port impedance,
CRST =
delay capacitor,
tDelay = desired delay time,
VRST = VSAT of
lead (0.7V @ turn - on), and
VT
= µP logic threshold voltage.
RESET
RESET
]
[
RESET
RESET
RESET
RESET
ENABLE
ENABLE
ENABLE
ENABLE
RESET
ENABLE
5
Regulator Control Functions
Figure 4. RC Network for
Delay
RESET
Circuit Description: continued
–tDelay
ln
)
VT – VOUT
VRST – VOUT
(
RESET
CS8121
VOUT
CRST
RRST
10
µF
tantalum
5V to
µP
and
System
Power
to
µP
RESET
Port
(1) = NO RESET DELAY CAPACITOR
(2) = WITH RESET DELAY CAPACITOR
FOR 7V < VIN < 26V
VOUT
VRT(ON)
ENABLE
VRT(OFF)
(1)
(2)
VIN
VIN(HI)
HI
LO
VR PEAK
VR SAT
VR PEAK
RESET
Figure 3. Circuit Waveforms for the CS8121


Similar Part No. - CS8121YTVA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121YTVA5 CHERRY-CS8121YTVA5 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
More results

Similar Description - CS8121YTVA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
logo
NTE Electronics
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
   1A Positive Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com