Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTCV24M0X51Q-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CSTCV24M0X51Q-R0
Description  no adjustment is necessary for oscillation circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCV24M0X51Q-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSTCV24M0X51Q-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCV24M0X51Q-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCV24M0X51Q-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSTCV24M0X51Q-R0
Specifications
Shape
SMD
Frequency
24.000MHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
40
to
125
Frequency Shift by Temperature
±0.3%
Frequency Aging
±0.1%
Wash
avairable
Resonant Impedance
50Ω
Built-in Load Capacitance
5pF
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/30


Similar Part No. - CSTCV24M0X51Q-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCV24M0X51Q-R0 MURATA1-CSTCV24M0X51Q-R0 Datasheet
327Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
CSTCV24M0X51Q-R0 MURATA1-CSTCV24M0X51Q-R0_V01 Datasheet
327Kb / 2P
   Crystal Units/MEMS Resonators
03/04/2024
More results

Similar Description - CSTCV24M0X51Q-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCR4M19G53-R0 MURATA-CSTCR4M19G53-R0 Datasheet
192Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCR5M00G55B-R0 MURATA-CSTCR5M00G55B-R0 Datasheet
191Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCR6M14G55B-R0 MURATA-CSTCR6M14G55B-R0 Datasheet
191Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCR6M60G55-R0 MURATA-CSTCR6M60G55-R0 Datasheet
190Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCC2M00G56-R0 MURATA-CSTCC2M00G56-R0 Datasheet
185Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCR7M37G53002-R0 MURATA-CSTCR7M37G53002-R0 Datasheet
191Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCV24M0X53Q-R0 MURATA-CSTCV24M0X53Q-R0 Datasheet
194Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCW24M0X51R-R0 MURATA-CSTCW24M0X51R-R0 Datasheet
193Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCW26M0X51R-R0 MURATA-CSTCW26M0X51R-R0 Datasheet
193Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCW27M0X51-R0 MURATA-CSTCW27M0X51-R0 Datasheet
195Kb / 3P
   no adjustment is necessary for oscillation circuits
CSTCR6M60G55B-R0 MURATA-CSTCR6M60G55B-R0 Datasheet
191Kb / 3P
   no adjustment is necessary for oscillation circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com