Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO27VS05DE-02-10 Datasheet(PDF) 2 Page - Crystek Corporation

Part # CO27VS05DE-02-10
Description  Oven Controlled Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CO27VS05DE-02-10 Datasheet(HTML) 2 Page - Crystek Corporation

  CO27VS05DE-02-10_15 Datasheet HTML 1Page - Crystek Corporation CO27VS05DE-02-10_15 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Oven Controlled Crystal Oscillator
OCXO
PN: CO27VS05DE-02-10.000 Rev. F
SineWave Output
Part Number CO27VS05DE-02-10.000
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Page 2 of 2
ABSOLUTE MAXIMUM RATING
MIN
TYP
MAX
UNITS
CONDITIONS
Supply Voltage
Load
Storage Temperature
Operable Temperature
-45
-20
6
+90
+80
50
VDC
°C
°C
ENVIRONMENTAL CONDITIONS
SHOCK
HUMIDITY
VIBRATION
THERMAL SHOCK
IEC 68-2-27 (Test Ea) 30G, 10mSec, Half Sine
IEC 68-2-6 (Test Fc) 0.35mm, 10G, 5-500Hz, 6 cycles/axis
IEC 68-2-14 (Test Na) 30 min. in each extreme temperature
MIL-STD-202 method 106D
1.421 max
(36.10 max)
1.00±0.008
(25.4±0.2)
Bottom View
3
2
1
5
4
Ø 0.031
(Ø 0.80)
0.283 min
(7.2 min)
Pin
Function
1
2
3
4
5
Control Voltage
No Connect
Supply Voltage
RF Output
Case Ground
Unless otherwise specified,
dimensions are in: IN
(mm)
OUTPUT CHARACTERISTICS
MIN
TYP
MAX
UNITS
CONDITIONS
Phase Noise
Short Term Stability
dBc/Hz
@ 10Hz Offset
Spurious
-93
-102
-132
-150
-152
@ 100Hz Offset
@ 1kHz Offset
@ 10kHz Offset
2×10
-11
Sec
Allen Variance @ 1 Sec
dBc
Within 100Hz to 3MHz
from Carrier


Similar Part No. - CO27VS05DE-02-10_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CO27VS05DE-02-10.000 CRYSTEKCRYSTAL-CO27VS05DE-02-10.000 Datasheet
95Kb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
CRYSTEK CORPORATION
CO27VS05DE-02-10.000 CRYSTEKMICROWAVE-CO27VS05DE-02-10.000 Datasheet
159Kb / 2P
   High Stability
logo
Crystek Corporation
CO27VS05DE-02-10_000 CRYSTEKCRYSTAL-CO27VS05DE-02-10_000 Datasheet
94Kb / 3P
   Oven Controlled Crystal Oscillator
More results

Similar Description - CO27VS05DE-02-10_15

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com