Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCSO-014-1090 Datasheet(PDF) 2 Page - Crystek Corporation

Part # CCSO-014-1090
Description  SAW Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCSO-014-1090 Datasheet(HTML) 2 Page - Crystek Corporation

  CCSO-014-1090 Datasheet HTML 1Page - Crystek Corporation CCSO-014-1090 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
CCSO-014-1090
SAW Clock Oscillator
Date: 18-Sep-2015
Rev: M
Page 2 of 2
Frequency:
1.090 GHz
Temperature Range:
-55°C to 105°C
Optional*:
-40°C to 85°C
Storage:
-55°C to 110°C
Input Voltage:
12.0V ±0.25V
Supply Ripple:
150mV p-p Max
Freq. vs Temp.:
±250ppm Max
Input Current:
30mA Typical, 40mA Max
Output:
True SineWave
Output Power:
+12dBm ±2dBm
Start-up time:
2ms Typical, 10ms Max
2
nd Harmonic:
-40dBc Typical, -35dBc Max
Sub-harmonics:
None
Load:
50 Ω
Jitter:
SONET OC-48(12kHz~80MHz)
0.18ps RMS Typical, 0.20ps RMS Max
SONET OC-192(50kHz~80MHz) 0.12ps RMS Typical, 0.15ps RMS Max
Phase Noise Typical:
1kHz
-110 dBc/Hz
10kHz
-138 dBc/Hz
100kHz
-150 dBc/Hz
1MHz
-160 dBc/Hz
G-sensitivity:
0.9×10
-9 per g
0.200
(5.08)
0.236
(6.00)
CRYSTEK
CCSO-014-1090
1090MHz
Date Code
0.750
(19.05)
0.820
(20.83)
0.450
(11.43)
0.520
(13.21)
PIN
Connection
1
7
8
14
N/C
GND
Output
Vdd
Conditions
Parameter
-55/105°C
-55°C and +85°C
100% Temperature Testing
100% Start-Up Testing
Conditions
Parameter
MIL-STD-202, Method 213, Condition A
MIL-STD-202, Method 204, Condition A
MIL-STD-202, Method 208
MIL-STD-202, Method 215
Mechanical Shock
Mechanical Vibration
Solderability
Solvent Resistance
MIL-STD-202, Method 210, Condition C
MIL-STD-202, Method 107, Condition A
MIL-STD-202, Method 106, 90% to 98% RH 10 Days
MIL-STD-202, Method 211, Condition A
Resistance to Soldering Heat
Thermal Shock
Moisture Resistance
Terminal Strength
MIL-STD-202, Method 112, Procedure III, Condition C
Hermetic Seal
MIL-STD-202, Method 103
Humidity
MIL-STD-202, Method 108, Condition D, 1,000 hrs at +70°C
High Temperature Life (Operating)
MIL-STD-202, Method 212, Condition A
Acceleration
0.600
(15.24)
0.300
(7.62)
1
14
7
8
14 Pin DIP,
12V, True Sinewave
CCSO-014-1090 Model
*Option: CCSO-014X-1090 -40°C to +85°C Version
Available Frequencies
1030 MHz
1090 MHz


Similar Part No. - CCSO-014-1090

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSO-014-1090 CRYSTEKMICROWAVE-CCSO-014-1090 Datasheet
359Kb / 2P
   SAW Clock Oscillator
More results

Similar Description - CCSO-014-1090

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
logo
CRYSTEK CORPORATION
CCSO-014-1090 CRYSTEKMICROWAVE-CCSO-014-1090 Datasheet
359Kb / 2P
   SAW Clock Oscillator
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com