Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCPD-034 Datasheet(PDF) 3 Page - Crystek Corporation

Part # CCPD-034
Description  LVPECL Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCPD-034 Datasheet(HTML) 3 Page - Crystek Corporation

  CCPD-034_15 Datasheet HTML 1Page - Crystek Corporation CCPD-034_15 Datasheet HTML 2Page - Crystek Corporation CCPD-034_15 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical
Temperature Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.
Shock:
Solderability:
Vibration:
Solvent Resistance:
Resistance to Soldering Heat:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2003
MIL-STD-883, Method 2007, Condition A
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition I or J
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Mechanical:
Environmental:
Dimensions inches (mm)
All dimensions are Max unless otherwise specified.
0.055 Typ
(1.40 Typ)
0.100
(2.54)
0.200
(5.08)
0.045 ±0.008
(1.14 ±0.20)
#1
#2
#3
#4
#5
#6
0.01uF Bypass Capacitor Recommended
SUGGESTED PAD LAYOUT
0.071 SQ
(1.80)
0.148
(3.75)
0.200
(5.08)
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
PIN
Connection
1
2
3
4
5
6
Enable/Disable
N/C
GND
Output
Comp Output
Vcc
5×7 mm SMD,
3.3V, LVPECL
CCPD-034 Model
CCPD-034 5×7mm SMD
LVPECL Clock Oscillator
Date: 16-Oct-2015
Rev: T
Page 3 of 3
Function pin 1
Output pin
Open or N/C
"1" level 0.7×Vdd Min
"0" level 0.3×Vdd Max
Active
Active
High Z
Tristate Function
0.274 ±0.007
(6.96 ±0.18)
0.193 ±0.007
(4.90 ±0.18)
Part Number
Frequency
DC Lot Code
Denotes pad 1
0.01µF
via to
ground
Standard Frequencies
(±50ppm, 0/70°C)
200.000 MHz
212.500 MHz
250.000 MHz
Crystek Part Number Guide
#1 Crystek LVPECL Osc.
#2 Model 034
#3 Temp Range: Blank = 0/70°C, M = -20/70°C, X = -40/85°C
#4 Stability: (see Table 1)
#5 Frequency in MHz: 3 or 6 decimal places
Example:
CCPD-034X-50-250.000
3.3V, -40/85°C, ±50ppm, 250.000 MHz
Blank
± 100ppm
50
± 50ppm
25
± 25ppm
20*
± 20ppm
*not available in -40/85
Stability Indicator
Table 1
CCPD - 034 X - 50 - 250.000
#1
#5
#3
#2
#4
0.071
(1.80)


Similar Part No. - CCPD-034_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCPD-034-20-311.040 CRYSTEKCRYSTAL-CCPD-034-20-311.040 Datasheet
594Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-034-25-311.040 CRYSTEKCRYSTAL-CCPD-034-25-311.040 Datasheet
594Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-034-311.040 CRYSTEKCRYSTAL-CCPD-034-311.040 Datasheet
594Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-034-50-311.040 CRYSTEKCRYSTAL-CCPD-034-50-311.040 Datasheet
594Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-034M-20-311.040 CRYSTEKCRYSTAL-CCPD-034M-20-311.040 Datasheet
594Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
More results

Similar Description - CCPD-034_15

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
PMXXX CONNOR-WINFIELD-PMXXX Datasheet
316Kb / 2P
   LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-024 CRYSTEKCRYSTAL-CCPD-024_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
CCPD-023 CRYSTEKCRYSTAL-CCPD-023_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
CCPD-920 CRYSTEKCRYSTAL-CCPD-920 Datasheet
114Kb / 1P
   Differential LVPECL Clock Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
   LVPECL or LVDS Clock Oscillator
13/2/08
logo
CRYSTEK CORPORATION
CCPD-034 CRYSTEKMICROWAVE-CCPD-034 Datasheet
386Kb / 3P
   5횞7mm SMD LVPECL Clock Oscillator
CCPD-033 CRYSTEKMICROWAVE-CCPD-033 Datasheet
363Kb / 3P
   5횞7mm SMD LVPECL Clock Oscillator
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
   LVPECL or LVDS CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com