Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCPD-023 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CCPD-023
Description  LVPECL Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCPD-023 Datasheet(HTML) 1 Page - Crystek Corporation

  CCPD-023_15 Datasheet HTML 1Page - Crystek Corporation CCPD-023_15 Datasheet HTML 2Page - Crystek Corporation CCPD-023_15 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CCPD-023 5×7mm SMD
LVPECL Clock Oscillator
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Model CCPD-023 is a 77.760 MHz to 161.000 MHz LVPECL
Clock Oscillator operating at 2.5 Volts. The oscillator utilizes
a High Q Third Overtone crystal design providing very low
Jitter and Phase Noise. No Sub-Harmonics are present in
the Output Signal.
Applications:
Digital Video
SONET/SDH/DWDM
Storage Area Networks
Broadband Access
Ethernet, Gigabit Ethernet
5×7mm SMD
Date: 23-Sep-2014
Rev: F
Page 1 of 3
5×7 mm SMD,
2.5V, LVPECL
CCPD-023 Model


Similar Part No. - CCPD-023_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCPD-023-155.520 CRYSTEKCRYSTAL-CCPD-023-155.520 Datasheet
593Kb / 3P
   5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
More results

Similar Description - CCPD-023_15

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
PMXXX CONNOR-WINFIELD-PMXXX Datasheet
316Kb / 2P
   LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-024 CRYSTEKCRYSTAL-CCPD-024_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
CCPD-034 CRYSTEKCRYSTAL-CCPD-034_15 Datasheet
311Kb / 3P
   LVPECL Clock Oscillator
CCPD-920 CRYSTEKCRYSTAL-CCPD-920 Datasheet
114Kb / 1P
   Differential LVPECL Clock Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
   LVPECL or LVDS Clock Oscillator
13/2/08
logo
CRYSTEK CORPORATION
CCPD-034 CRYSTEKMICROWAVE-CCPD-034 Datasheet
386Kb / 3P
   5횞7mm SMD LVPECL Clock Oscillator
CCPD-033 CRYSTEKMICROWAVE-CCPD-033 Datasheet
363Kb / 3P
   5횞7mm SMD LVPECL Clock Oscillator
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
   LVPECL or LVDS CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com