Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2401-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2401-Q1
Description  FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2401-Q1_15 Datasheet HTML 6Page - Texas Instruments TLV2401-Q1_15 Datasheet HTML 7Page - Texas Instruments TLV2401-Q1_15 Datasheet HTML 8Page - Texas Instruments TLV2401-Q1_15 Datasheet HTML 9Page - Texas Instruments TLV2401-Q1_15 Datasheet HTML 10Page - Texas Instruments TLV2401-Q1_15 Datasheet HTML 11Page - Texas Instruments TLV2401-Q1_15 Datasheet HTML 12Page - Texas Instruments TLV2401-Q1_15 Datasheet HTML 13Page - Texas Instruments TLV2401-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
AV = 1
VIN = VCC / 2
TA = 125°C
TA = 70 °C
TA = 25 °C
TA = 0 °C
TA = –40°C
Supply Voltage, V
(V)
CC
16.0
14.5
13.0
11.5
10.0
2.5 4.0 5.5 7.0 8.5
40
50
60
70
80
90
100
110
120
VCC = 2.7, 5, & 15 V
TA = 25°C
Frequency, f (Hz)
1
10
100
1k
10k
10
0
–20
–10
30
20
40
50
0
–45
45
90
VCC = 2.7, 5, & 15 V
RL = 500 kΩ
CL = 100 pF
TA = 25°C
60
135
Frequency, f (Hz)
10
100
1k
10k
0
1
2
3
4
5
6
7
TA = 25°C
RL = 100 kΩ
CL = 100 pF
f = 1 kHz
Supply Voltage, V
(V)
CC
16.0
14.5
13.0
11.5
10.0
2.5 4.0 5.5 7.0 8.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC = 5, 15 V
SR+
SR–
VCC = 2.7 V
VCC = 2.7, 5, & 15 V
Free-Air Temperature
°
, T ( C)
A
125
–40 –25 –10 5
20 35 50 65
80 95 110
0
10
20
30
40
50
60
70
80
VCC = 2.7, 5, & 15 V
RL = 500 kΩ
TA = 25°C
Capacitive Load, C (pF)
L
10
100
1k
10k
TLV2401-Q1 , TLV2402-Q1, TLV2404-Q1
SLOS716
– APRIL 2011
www.ti.com
SUPPLY CURRENT
POWER SUPPLY REJECTION RATIO
vs
vs
SUPPLY VOLTAGE
FREQUENCY
Figure 19.
Figure 20.
DIFFERENTIAL VOLTAGE GAIN AND PHASE
GAIN BANDWIDTH PRODUCT
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 21.
Figure 22.
SLEW RATE
PHASE MARGIN
vs
vs
FREE-AIR TEMPERATURE
CAPACITIVE LOAD
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TLV2401-Q1 TLV2402-Q1 TLV2404-Q1


Similar Part No. - TLV2401-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2401-Q1 TI1-TLV2401-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   TLV2401-Q1, TLV2402-Q1 16-V, Ultra-Low Power, 880-nA, RRIO Operational Amplifiers With Reverse Battery Protection
More results

Similar Description - TLV2401-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2402CDR TI-TLV2402CDR Datasheet
1Mb / 33P
[Old version datasheet]   FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2402-Q1 TI1-TLV2402-Q1 Datasheet
767Kb / 22P
[Old version datasheet]   FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2401 TI-TLV2401 Datasheet
391Kb / 23P
[Old version datasheet]   FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
   880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com