Electronic Components Datasheet Search |
|
RL201 Datasheet(PDF) 1 Page - GOOD-ARK Electronics |
|
RL201 Datasheet(HTML) 1 Page - GOOD-ARK Electronics |
1 / 2 page Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts a t a D l a c i n a h c e M s e r u t a e F 59 s c i t s i r e t c a r a h C l a c i r t c e l E d n a s g n i t a R m u m i x a M Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% Low cost Low leakage Low forward voltage drop High current capability T J is 150 oC (Max.) and T STG is 175 oC (Max.) with PI glue Case : JEDEC DO-204AC (DO-15) molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.014 ounce, 0.39 gram 7 0 2 L R u r h t 1 0 2 L R s r e i f i t c e R c i t s a l P e s o p r u P l a r e n e G s e r e p m A 0 . 2 t n e r r u C d r a w r o F s t l o V 0 0 0 1 o t 0 5 e g a t l o V e s r e v e R r e t e m a r a Ps l o b m y S1 0 2 L R2 0 2 L R3 0 2 L R4 0 2 L R5 0 2 L R6 0 2 L R7 0 2 L Rs t i n U e g a t l o v e s r e v e r k a e p e v i t i t e p e r m u m i x a MV M R R 0 50 0 10 0 20 0 40 0 60 0 80 0 0 1s t l o V e g a t l o v S M R m u m i x a MV S M R 5 30 70 4 10 8 20 2 40 6 50 0 7s t l o V e g a t l o v g n i k c o l b C D m u m i x a MV C D 0 50 0 10 0 20 0 40 0 60 0 80 0 0 1s t l o V t n e r r u c d e i f i t c e r d r a w r o f e g a r e v a m u m i x a M T t a A 0 5 = oC I ) V A ( 0 . 2s p m A e v a w - e n i s f l a h e l g n i s s m 3 . 8 t n e r r u c e g r u s d r a w r o f k a e P ) d o h t e m C E D E J ( d a o l d e t a r n o d e s o p m i r e p u s I M S F 0 . 0 7s p m A C D A 0 . 2 t a e g a t l o v d r a w r o f s u o e n a t n a t s n i m u m i x a MV F 1 . 1s t l o V t n e r r u c e s r e v e r C D m u m i x a M e g a t l o v g n i k c o l b C D d e t a r t a T @ A 5 2 = oC T @ A 0 0 1 = oC I R 0 . 5 0 5 uA e g a r e v a e l c y c ll u f t n e r r u c e s r e v e r d a o l ll u f m u m i x a M h t g n e l d a e l ) m m 5 . 9 ( " 5 7 3 .T t a L 5 7 = oC I ) V A ( R 0 3 uA ) 1 e t o N ( e c n a t i c a p a c n o i t c n u j l a c i p y TC J 0 2 pF e c n a t s i s e r l a m r e h t l a c i p y TR θ A J 0 4 o W / C e g n a r e r u t a r e p m e t n o i t c n u j g n i t a r e p OT J 5 2 1 + o t 0 5 - oC e g n a r e r u t a r e p m e t e g a r o t ST G T S 0 5 1 + o t 0 5 - oC |
Similar Part No. - RL201_15 |
|
Similar Description - RL201_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |