Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28910 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28910
Description  High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28910 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28910_15 Datasheet HTML 2Page - Texas Instruments UCC28910_15 Datasheet HTML 3Page - Texas Instruments UCC28910_15 Datasheet HTML 4Page - Texas Instruments UCC28910_15 Datasheet HTML 5Page - Texas Instruments UCC28910_15 Datasheet HTML 6Page - Texas Instruments UCC28910_15 Datasheet HTML 7Page - Texas Instruments UCC28910_15 Datasheet HTML 8Page - Texas Instruments UCC28910_15 Datasheet HTML 9Page - Texas Instruments UCC28910_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
CSTE(max)
D _ PK(max)
IPK
V
I
R

UCC28910
UCC28911
SLUS769C – JULY 2013 – REVISED MARCH 2015
www.ti.com
Detailed Pin Description (continued)
7.1.4 IPK (Set the Maximum DRAIN Current Peak)
A resistance (RIPK) connected between IPK pin and GND sets the maximum value of the power FET peak
current, ID_PK(max). A current, ISENSE, proportional to the power FET current, comes out from the IPK pin during
power FET on time. The voltage across RIPK is fed to the PWM comparator and establish to switch off the power
FET according to the following equation:
where
VCSTE(max) is the equivalent current sense threshold (see Electrical Characteristics table).
(3)
If the IPK pin is shorted to GND (RIPK = 0), the peak current is automatically set to ID_PEAK(max), 600 mA for
UCC28910, or 700 mA for UCC28911.
A test is performed at device start up to check whether the IPK pin is shorted to GND or the RIPK is present. If
RIPK is less than RIPK_SHORT (maximum), the device interprets it as a short (RIPK = 0) and the DRAIN peak current
is set to ID_PEAK(max). Otherwise, if RIPK is greater than RIPK(min) (minimum), the device sets the peak current
DRAIN according to the previous equation. A value of RIPK that is in between the before said values is not
allowed since the value of the peak current may be selected using either of the two sense resistances: the
internal sense resistance and RIPK.
7.1.5 DRAIN
The DRAIN pin is connected to the DRAIN of the internal power FET. This pin also provides current to the high
voltage current source at start up.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: UCC28910 UCC28911


Similar Part No. - UCC28910_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28910D TI-UCC28910D Datasheet
1Mb / 26P
[Old version datasheet]   Low Stand-By Power, CV / CC PWM HV Switcher with Primary-Side
More results

Similar Description - UCC28910_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI-UCC28632_15 Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com