Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44961 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44961
Description  SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44961 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44961 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44961 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44961 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Smooth Bore
Connector Specification
MIL-STD-348
Connector Interface Type
RG405, PE-SR405FL
Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.51 in [12.95 mm]
Width/Dia.
0.23 in [5.84 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
AMS-QQ-P-35
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR-
405FL Catchers Mitt PE44961
PE44961
PE44961 REV 1.0
SMP Male Bulkhead Mount Smooth Bore Connector Solder
Attachment for RG405, PE-SR405FL Catchers Mitt


Similar Part No. - PE44961

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4496 PASTERNACK-PE4496 Datasheet
109Kb / 1P
   SHV PLUG CRIMP ATTACHMENT FOR RG8 &RG213
PE44960 PASTERNACK-PE44960 Datasheet
375Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .145 inch Pin Length
PE44962 PASTERNACK-PE44962 Datasheet
384Kb / 3P
   SMP Male Bulkhead Mount Full Detent Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44963 PASTERNACK-PE44963 Datasheet
374Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
PE44964 PASTERNACK-PE44964 Datasheet
373Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
More results

Similar Description - PE44961

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44962 PASTERNACK-PE44962 Datasheet
384Kb / 3P
   SMP Male Bulkhead Mount Full Detent Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE45126 PASTERNACK-PE45126 Datasheet
353Kb / 3P
   SMP Male Bulkhead Mount Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE44944 PASTERNACK-PE44944 Datasheet
367Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Catchers Mitt Design with 2 Ground Posts
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44967 PASTERNACK-PE44967 Datasheet
379Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.170 Pin Length
PE44483 PASTERNACK-PE44483 Datasheet
318Kb / 3P
   SMP Male Bulkhead Connector Solder Attachment For PE-SR405AL PE-SR405FL RG405 4.83 mm Diameter
PE44956 PASTERNACK-PE44956 Datasheet
375Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal Catchers Mitt Design Pre-Tinned Pin
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
   Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
logo
List of Unclassifed Man...
P912 ETC2-P912 Datasheet
178Kb / 1P
   SMP MALE BULKHEAD TO SMP MALE CATCHERS MITT ADAPTER
logo
Pasternack Enterprises,...
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
   QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com