Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1843-HIREL Datasheet(PDF) 3 Page - Texas Instruments

Part # UC1843-HIREL
Description  CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1843-HIREL Datasheet(HTML) 3 Page - Texas Instruments

  UC1843-HIREL_15 Datasheet HTML 1Page - Texas Instruments UC1843-HIREL_15 Datasheet HTML 2Page - Texas Instruments UC1843-HIREL_15 Datasheet HTML 3Page - Texas Instruments UC1843-HIREL_15 Datasheet HTML 4Page - Texas Instruments UC1843-HIREL_15 Datasheet HTML 5Page - Texas Instruments UC1843-HIREL_15 Datasheet HTML 6Page - Texas Instruments UC1843-HIREL_15 Datasheet HTML 7Page - Texas Instruments UC1843-HIREL_15 Datasheet HTML 8Page - Texas Instruments UC1843-HIREL_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
COMP
V
FB
I
SENSE
R /C
T
T
V
REF
V
CC
OUTPUT
GROUND
V
CC
GROUND
½
½
1803
m
m
ABSOLUTE MAXIMUM RATINGS
UC1843-HiRel
www.ti.com .................................................................................................................................................. SLUS896A – AUGUST 2009 – REVISED AUGUST 2009
UNIT
Low impedance source
30 V
Supply voltage
ICC < 30 mA
Self Limiting
Output current
±1 A
Output energy (capacitive load)
5
µJ
Analog inputs (Pins 2, 3)
–0.3 V to 6.3 V
Error amp output sink current
10 mA
Storage temperature range
–65°C to 150°C
Junction temperature range
–55°C to 150°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1843-HiRel


Similar Part No. - UC1843-HIREL_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1843-HIREL TI1-UC1843-HIREL Datasheet
214Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
More results

Similar Description - UC1843-HIREL_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1843-HIREL TI1-UC1843-HIREL Datasheet
214Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
logo
M/A-COM Technology Solu...
AN3018 MA-COM-AN3018 Datasheet
69Kb / 2P
   Known Good Die Delivery Specification
logo
Texas Instruments
SMJ320C50KGDC TI1-SMJ320C50KGDC Datasheet
119Kb / 7P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI1-TMP320C50KGD_14 Datasheet
153Kb / 8P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI-TMP320C50KGD Datasheet
81Kb / 6P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDM40C TI1-SMJ320C30KGDM40C Datasheet
133Kb / 10P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDB TI-SMJ320C30KGDB Datasheet
116Kb / 9P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com