Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB320 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SB320
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB320 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SB320_15 Datasheet HTML 1Page - GOOD-ARK Electronics SB320_15 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Case : JEDEC DO-201AD molded plastic
Polarity : Color band denotes cathode
Weight : 0.041 ounce, 1.15 grams
Mounting position : Any
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Notes:
1. Thermal Resistance Junction to Lead.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
327
s
e
r
u
t
a
e
F
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S0
2
3
B
S0
3
3
B
S0
4
3
B
S0
5
3
B
S0
6
3
B
Ss
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
20
30
40
50
6s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
4
11
28
25
32
4s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
20
30
40
50
6s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
)
1
.
g
i
F
e
e
S
(
s
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
I
)
V
A
(
0
.
3s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
0
0
1s
p
m
A
C
D
A
0
.
3
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
f
m
u
m
i
x
a
MV
F
0
5
.
04
7
.
0s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
J
5
2
=
oC
T
@
J
0
0
1
=
oC
I
R
5
.
0
0
.
0
2
A
m
)
1
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ L
J
0
20
1
o
W
/
C
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
0
5
2
pF
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
0
6
3
B
S
u
r
h
t
0
2
3
B
S
s
r
e
i
f
i
t
c
e
R
r
e
i
r
r
a
B
y
k
t
t
o
h
c
S
s
e
r
e
p
m
A
0
.
3
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
6
o
t
0
2
e
g
a
t
l
o
V
e
s
r
e
v
e
R


Similar Part No. - SB320_15

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB320 CTC-SB320_15 Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB320 VISHAY-SB320_15 Datasheet
82Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
logo
Diodes Incorporated
SB320 DIODES-SB320_15 Datasheet
78Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Leshan Radio Company
SB320 LRC-SB320_15 Datasheet
140Kb / 4P
   Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
SB320 DACHANG-SB320_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB320_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SK32A GOOD-ARK-SK32A_15 Datasheet
152Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK32 GOOD-ARK-SK32_15 Datasheet
157Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK32A GOOD-ARK-SK32A Datasheet
151Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
SB220 GOOD-ARK-SB220_15 Datasheet
137Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
logo
First Silicon Co., Ltd
MBRD2060CT FS-MBRD2060CT Datasheet
616Kb / 3P
   Schottky Barrier Rectifier Reverse Voltage 60 Volts Forward Current 20 Amperes
2021. 06. 16 Revision No : 0
logo
GOOD-ARK Electronics
SB370_15VD GOOD-ARK-SB370_15VD Datasheet
151Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 3.0 Amperes
SK22 GOOD-ARK-SK22_15 Datasheet
157Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
SK2XA GOOD-ARK-SK2XA_15 Datasheet
156Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com