Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3710_15 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF3710_15
Description  IQ DEMODULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3710_15 Datasheet(HTML) 3 Page - Texas Instruments

  TRF3710_15_15 Datasheet HTML 1Page - Texas Instruments TRF3710_15_15 Datasheet HTML 2Page - Texas Instruments TRF3710_15_15 Datasheet HTML 3Page - Texas Instruments TRF3710_15_15 Datasheet HTML 4Page - Texas Instruments TRF3710_15_15 Datasheet HTML 5Page - Texas Instruments TRF3710_15_15 Datasheet HTML 6Page - Texas Instruments TRF3710_15_15 Datasheet HTML 7Page - Texas Instruments TRF3710_15_15 Datasheet HTML 8Page - Texas Instruments TRF3710_15_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
THERMAL CHARACTERISTICS
TRF3710
SLWS199A – AUGUST 2007 – REVISED FEBRUARY 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
26, 35
Analog ground; grounds can be tied together.
BBIoutn
33
O
Baseband I output: negative terminal
BBIoutp
34
O
Baseband I output: positive terminal
BBQoutn
27
O
Baseband Q output: negative terminal
BBQoutp
28
O
Baseband Q output: positive terminal
CHIP_EN
3
I
Chip enable; enabled = logic level 1, disabled = logic level 0
CLOCK
48
I
SPI clock input
SPI data input (programming data for baseband filter frequency setting, PGA gain settings, and dc
DATA
47
I
offset calibration).
Gain_B0
41
I
PGA fast-gain control bit 0
Gain_B1
40
I
PGA fast-gain control bit 1
Gain_B2
39
I
PGA fast-gain control bit 2
GNDBIAS
22
Bias-block ground. Grounds can be tied together.
GNDDIG
1
Digital ground. Grounds can be tied together.
LOin
30
I
Local oscillator input: negative terminal
LOip
31
I
Local oscillator input: positive terminal
Mixer input: negative terminal, connected to external balanced-to-unbalanced (balun) transformer;
MIXinn
7
I
balun type is frequency-specific.
MIXIoutn
44
O
Mixer I output: negative terminal (test pin). NC for normal operation
MIXIoutp
45
O
Mixer I output: positive terminal (test pin). NC for normal operation
MIXinp
6
I
Mixer input: positive terminal, connected to external balun; balun type is frequency-specific.
MIXQoutn
17
O
Mixer Q output: negative terminal (test pin). NC for normal operation
MIXQoutp
16
O
Mixer Q output: positive terminal (test pin). NC for normal operation
REXT
20
O
Reference-bias external resistor: 30 k
Ω; used to set the bias of internal circuits of chip
STROBE
46
I
SPI enable (latches data into SPI after final clock pulse. Logic level = 1.
VCCBBQ
25
Baseband Q-chain power supply, 4.5 V to 5.5 V. Decoupled from other sources
VCCBIAS
21
Bias-block power supply, 4.5 V to 5.5 V. Decoupled from other sources
VCCDIG
2
Digital power supply, 4.5 V to 5.5 V. Decoupled from other sources
VCCLO
29
Local oscillator power supply, 4.5 V to 5.5 V. Decoupled from other sources
VCCMIX
4, 9
Mixer power supply, 4.5 V to 5.5 V. Decoupled from other sources
VCMQ
24
I
Baseband Q-chain input common mode, nominally 1.5 V
VOFFQ
23
I
Q-chain analog-offset correction input, 0 V to 3 V.
VCCBBI
36
Baseband I power supply, 4.5 V to 5.5 V. Decoupled from other sources
VCMI
37
I
Baseband I chain input common mode, nominally 1.5 V
VOFFI
38
I
I-chain analog-offset correction input, 0 V to 3 V
Over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Soldered slug, no airflow
26
RθJA
Soldered slug, 200-LFM (1,016 m/s) airflow
20.1
Thermal derating, junction-to-ambient
°C/W
Soldered slug, 400-LFM (2,032 m/s) airflow
17.4
RθJA
(2)
7-mm
× 7-mm, 48-pin PDFP
25
RθJB
Thermal derating, junction-to-board
7-mm
× 7-mm, 48-pin PDFP
12
°C/W
(1)
Determined using JEDEC standard JESD-51 with high-K board
(2)
16 layers, high-K board
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TRF3710


Similar Part No. - TRF3710_15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3710IRGZR TI-TRF3710IRGZR Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
TRF3710IRGZRG4 TI-TRF3710IRGZRG4 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
TRF3710IRGZT TI-TRF3710IRGZT Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
TRF3710IRGZTG4 TI-TRF3710IRGZTG4 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
More results

Similar Description - TRF3710_15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
NEC
UPC2781GR NEC-UPC2781GR Datasheet
78Kb / 5P
   SI MMIC IQ DEMODULATOR
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
UPC3205GR NEC-UPC3205GR Datasheet
135Kb / 20P
   IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
Teledyne Technologies I...
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
   6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com