Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS652510 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS652510
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS652510 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS652510_15 Datasheet HTML 5Page - Texas Instruments TPS652510_15 Datasheet HTML 6Page - Texas Instruments TPS652510_15 Datasheet HTML 7Page - Texas Instruments TPS652510_15 Datasheet HTML 8Page - Texas Instruments TPS652510_15 Datasheet HTML 9Page - Texas Instruments TPS652510_15 Datasheet HTML 10Page - Texas Instruments TPS652510_15 Datasheet HTML 11Page - Texas Instruments TPS652510_15 Datasheet HTML 12Page - Texas Instruments TPS652510_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
-40
-20
0
20
40
60
Temperature - °C
buck2 = 2 A,
buck3 = 2 A
buck2 = 0 A,
buck3 = 0 A
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
Current - A
V = 12 V
I
V = 15 V
I
V = 4.5 V
I
1.21
1.215
1.22
1.225
1.23
-40
-20
0
20
40
60
Temperature - °C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I_BUCK3 - A
3.365
3.37
3.375
3.38
3.385
I_buck1 = 0.25 A,
I_buck2 = 0.25 A
I_buck1 = 1 A,
I_buck2 = 1 A
I_buck1 = 2 A,
I_buck2 = 2 A
0
0.5
1
1.5
2
2.5
3
I_BUCK1 - A
1.2
1.205
1.21
1.215
1.22
1.225
I_buck2 = 2 A,
I_buck3 = 2 A
I_buck2 = 1 A,
I_buck3 = 1 A
I_buck2 = 0.25 A,
I_buck3 = 0.25 A
1.8
1.805
1.81
1.815
1.82
1.825
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I_BUCK2 - A
I_buck2 = 2 A,
I_buck3 = 2 A
I_buck1 = 1 A,
I_buck3 = 1 A
I_buck1 = 0.25 A,
I_buck3 = 0.25 A
TPS652510
www.ti.com
SLVSB30B – SEPTEMBER 2011 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS
Load Regulation: Buck1 @ 1.2V, 1% Resistor Feedback
Load Regulation: Buck2 @ 1.8V, 1% Resistor Feedback
Figure 1.
Figure 2.
Buck1 Temp Variation @ 1.2V, 1%Resistor
Load Regulation: Buck3 @ 3.3V, 1% Resistor Feedback
-40°C to 75°C, Buck1 = 3A, Buck2 = 2A, Buck3 = 2A
Figure 3.
Figure 4.
Current Limit Variation 25°C,
Buck1 1.2V Efficiency, Forced PWM
RLIM1 = 100k
Ω, RLIM2&3 = 120kΩ
L = 4.7µH, 20m
Ω, fSW = 500KHz
Figure 5.
Figure 6.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS652510


Similar Part No. - TPS652510_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS652510RHAR TI1-TPS652510RHAR Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510RHAT TI1-TPS652510RHAT Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results

Similar Description - TPS652510_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65258 TI1-TPS65258 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65257 TI1-TPS65257 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com