Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS630250 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS630250
Description  TPS63025x High Current, High Efficiency Single Inductor Buck-Boost Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS630250 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS630250_15 Datasheet HTML 7Page - Texas Instruments TPS630250_15 Datasheet HTML 8Page - Texas Instruments TPS630250_15 Datasheet HTML 9Page - Texas Instruments TPS630250_15 Datasheet HTML 10Page - Texas Instruments TPS630250_15 Datasheet HTML 11Page - Texas Instruments TPS630250_15 Datasheet HTML 12Page - Texas Instruments TPS630250_15 Datasheet HTML 13Page - Texas Instruments TPS630250_15 Datasheet HTML 14Page - Texas Instruments TPS630250_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Vo
Vo+1.3%*Vo
PFM mode at light load
current
PWM mode
Comparator High
Comparator low
Heavy Load transient step
Absolute Voltage drop
with positioning
30mV ripple
TPS630250
TPS630251, TPS630252
www.ti.com
SLVSBJ9B – MAY 2014 – REVISED MARCH 2015
Device Functional Modes (continued)
9.4.2 Power Save Mode Operation
Figure 4. Power Save Mode Operation
Depending on the load current, in order to provide the best efficiency over the complete load range, the device
works in PWM mode at load currents of approximately 350mA or higher. At lighter loads, the device switches
automatically into Power Save Mode to reduce power consumption and extend battery life. The PFM/PWM pin is
used to select between the two different operation modes. To enable Power Save Mode, the PFM/PWM pin must
be set low.
During Power Save Mode, the part operates with a reduced switching frequency and lowest supply current to
maintain high efficiency. The output voltage is monitored with a comparator at every clock cycle by the thresholds
comp low and comp high. When the device enters Power Save Mode, the converter stops operating and the
output voltage drops. The slope of the output voltage depends on the load and the output capacitance. When the
output voltage reaches the comp low threshold, at the next clock cycle the device ramps up the output voltage
again, by starting operation. Operation can last for one or several pulses until the comp high threshold is
reached. At the next clock cycle, if the load is still lower than about 350mA, the device switches off again and the
same operation is repeated. Instead, if at the next clock cycle, the load is above 350mA, the device automatically
switches to PWM mode.
In order to keep high efficiency in PFM mode, there is only one comparator active to keep the output voltage
regulated. The AC ripple in this condition is increased, compared to the PWM mode. The amplitude of this
voltage ripple in the worst case scenario is 50mV pk-pk, (typically 30 mV pk-pk), with 2-µF effective output
capacitance. In order to avoid a critical voltage drop when switching from 0A to full load, the output voltage in
PFM mode is typically 1.3% above the nominal value in PWM mode. This is called Dynamic Voltage Positioning
and allows the converter to operate with a small output capacitor and still have a low absolute voltage drop
during heavy load transients.
Power Save Mode is disabled by setting the PFM/PWM pin high.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS630251 TPS630252


Similar Part No. - TPS630250_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS630250 TI1-TPS630250_16 Datasheet
3Mb / 30P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
More results

Similar Description - TPS630250_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63805 TI1-TPS63805 Datasheet
559Kb / 21P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805_18 Datasheet
560Kb / 22P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63024 TI1-TPS63024 Datasheet
2Mb / 29P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS630250 TI1-TPS630250_16 Datasheet
3Mb / 30P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63027 TI1-TPS63027 Datasheet
739Kb / 23P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
   High Efficiency Single Inductor Buck-Boost Converter
logo
Texas Instruments
TPS63020-Q1 TI1-TPS63020-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Q1 High Efficiency Single Inductor Buck-Boost Converter
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com