Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1107FC3 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW1107FC3
Description  Dolby Pro Logic Surround Decoder with Discrete 5.1ch Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1107FC3 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW1107FC3 Datasheet HTML 4Page - New Japan Radio NJW1107FC3 Datasheet HTML 5Page - New Japan Radio NJW1107FC3 Datasheet HTML 6Page - New Japan Radio NJW1107FC3 Datasheet HTML 7Page - New Japan Radio NJW1107FC3 Datasheet HTML 8Page - New Japan Radio NJW1107FC3 Datasheet HTML 9Page - New Japan Radio NJW1107FC3 Datasheet HTML 10Page - New Japan Radio NJW1107FC3 Datasheet HTML 11Page - New Japan Radio NJW1107FC3 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NJW1107
( 9 / 11 ) C
3. 3
rd – 6th byte
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
0
Delay
Volume
Cch Volume
0
1
Feedback
Volume
SLch Volume
-0
---
SRch Volume
01
1
-1
-
-
SW-
VOL
Set
SWch Volume
01
3-1. C, LS, RS, SW ch Master Volume
D7
D8
D9
D10
D11
Volume
Level
00000
0dB
10000
-2dB
01000
-4dB
11000
-6dB
00100
-8dB
10100
-10dB
01100
-12dB
11100
-14dB
00010
-16dB
10010
-18dB
01010
-20dB
11010
-22dB
00110
-24dB
10110
-26dB
01110
-28dB
11110
-30dB
00001
-32dB
10001
-34dB
01001
-36dB
11001
-38dB
00101
-40dB
10101
-42dB
01101
-44dB
11101
-48dB
00011
-52dB
10011
-56dB
01011
-60dB
11011
-64dB
00111
-68dB
10111
-72dB
01111
-76dB
11111
-
3-2. SW-VOL set
D6
SW-VOL Set
0
Bypass Volume
1
Through Volume
D12
D13
Volume
Level
0
0
0dB
1
0
-1dB
0
1
-2dB
1
1
-3dB


Similar Part No. - NJW1107FC3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102AF1 NJRC-NJW1102AF1 Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102FG1 NJRC-NJW1102FG1 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
More results

Similar Description - NJW1107FC3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62464BFP MITSUBISHI-M62464BFP Datasheet
248Kb / 26P
   Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input
logo
Renesas Technology Corp
M62464BFP RENESAS-M62464BFP Datasheet
309Kb / 24P
   Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
   Dolby Pro Logic Surround Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com