Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHF15KE12A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # CHF15KE12A
Description  Patented Flip Chip Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CHF15KE12A Datasheet(HTML) 2 Page - Microsemi Corporation

  CHF15KE12A Datasheet HTML 1Page - Microsemi Corporation CHF15KE12A Datasheet HTML 2Page - Microsemi Corporation CHF15KE12A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC0996.PDF
ISO 9001 CERTIFIED
REV F 7/20/00
CHF1.5KE6.8 thru CHF1.5KE400CA
UNIDIRECTIONAL ALL DIMENSIONS NOMINAL
FLIP CHIP DIMENSIONS
VBR 30V and above
POWER DERATING
PEAK PULSE POWER Vs PULSE TIME
VBR 30V and below
TEMPERATURE
°C


Similar Part No. - CHF15KE12A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CHF1.5K2300 MICROSEMI-CHF1.5K2300 Datasheet
276Kb / 3P
   FLIP CHIP TVS DIODES
CHF1.5KE10 MICROSEMI-CHF1.5KE10 Datasheet
276Kb / 3P
   FLIP CHIP TVS DIODES
CHF1.5KE100 MICROSEMI-CHF1.5KE100 Datasheet
276Kb / 3P
   FLIP CHIP TVS DIODES
CHF1.5KE100A MICROSEMI-CHF1.5KE100A Datasheet
276Kb / 3P
   FLIP CHIP TVS DIODES
CHF1.5KE10A MICROSEMI-CHF1.5KE10A Datasheet
276Kb / 3P
   FLIP CHIP TVS DIODES
More results

Similar Description - CHF15KE12A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CHF5KP50 MICROSEMI-CHF5KP50 Datasheet
253Kb / 3P
   Patented Flip Chip Series
CHFP6KE50 MICROSEMI-CHFP6KE50 Datasheet
154Kb / 3P
   Patented Flip-Chip Series
logo
Taoglas antenna solutio...
TG308112W TAOGLAS-TG308112W Datasheet
1Mb / 20P
   SPECIFICATION PATENTED
MA230LBC002 TAOGLAS-MA230LBC002 Datasheet
2Mb / 24P
   SPECIFICATION PATENTED
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
   FLIP CHIP ARRAY
logo
NXP Semiconductors
MF0FCP2U1 NXP-MF0FCP2U1 Datasheet
66Kb / 5P
   Flip chip package
Rev. 3.1-8 February 2007
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5 Datasheet
239Kb / 5P
   FLIP CHIP ARRAY
logo
List of Unclassifed Man...
P0406FC ETC-P0406FC Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_07 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5_07 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com