Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300940400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300940400
Description  Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300940400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300940400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300940400
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Single "U" Eye, Split Rod, Single Weave, Cable Diameter
50.80-63.25mm (2.000-2.490"), Approximate Break Strength 1705.51kg (3760 lbs),
Stainless Steel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Single
NEMA Rating
NEMA 4
O-Ring
No
Overview
Support Grips
Product Name
Standard Duty
Type
Support Grip
UPC
78678809896
Woodhead
Yes
Physical
Approximate Break Strength
1705.51kg (3760 lbs)
Bale Length
0.406m (16.00")
Body Style
Straight
Cable Diameter
50.80-63.25mm (2.000-2.490")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Stainless Steel
Mesh Length
0.559m (22.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35292SS
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130094 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300940400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300940401 MOLEX11-1300940401 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940402 MOLEX11-1300940402 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940403 MOLEX11-1300940403 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940405 MOLEX11-1300940405 Datasheet
40Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940406 MOLEX11-1300940406 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
More results

Similar Description - 1300940400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0405 MOLEX11-130094-0405 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940393 MOLEX11-1300940393 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940395 MOLEX11-1300940395 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
130094-0391 MOLEX11-130094-0391 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
130094-0397 MOLEX11-130094-0397 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
130094-0401 MOLEX11-130094-0401 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940385 MOLEX11-1300940385 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940391 MOLEX11-1300940391 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
130094-0402 MOLEX11-130094-0402 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940399 MOLEX11-1300940399 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
1300940386 MOLEX11-1300940386 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Single U Eye, Split Rod, Single Weave, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com