Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM082 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # PM082
Description  DC Fans and Blowers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PM082 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PM082 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/19/07
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
1
DC Fans and Blowers
PM082-12D-4B
PM082-24D-4B
Features
Size:
120 x 120 x 25 mm (4.7" x 4.7" x 1.0")
Airflow:
82 CFM
Lead Wire:
AWG24 (UL1007)
Impeller:
Reinforced Plastic (UL94V-0)
Frame:
Aluminum Alloy
Bearings:
Sealed Ball
Dimensions – inches (mm)
Performance
*Measured 1 m from intake
.169±.010
(4.3±0.25)
4.126±.012
(104.8±0.3)
4.705±.020
(119.5±0.5)
Air
Flow
.157±.012
(4.0±0.3)
.157±.012
(4.0±0.3)
.984±.020
(25.0±0.5)
Type
Rated
Voltage
(V)
Rated Current
(A)
Max Air
Flow
(CFM)
Max Air
Pressure
(In H2O)
Noise*
(dBA)
Operating
Voltage
(V)
Operating
Temperature
(°C)
Life
Expectancy
(Hr)
Locked
Moved
PM082-12D-4B
12
0.800
0.560
82
.23
45
8~15
-10~ +70
50,000
PM082-24D-4B
24
0.440
0.280
82
.23
45
16~30
-10~ +70
50,000
UL
E101153
CSA LR74525
V
DE
VDE 1187
Air Flow vs Air Pressure – PM082
.30
.25
.20
.15
.10
.05
0
020
8/16
VDC
12/24
VDC
15/30
VDC
40
Air Volume (cfm)
60
100
80
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - PM082

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PM082-12D-4B PURDY-PM082-12D-4B Datasheet
66Kb / 1P
   DC Fans and Blowers
PM082-24D-4B PURDY-PM082-24D-4B Datasheet
66Kb / 1P
   DC Fans and Blowers
More results

Similar Description - PM082

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PO014 PURDY-PO014 Datasheet
70Kb / 1P
   DC Fans and Blowers
PO042 PURDY-PO042 Datasheet
193Kb / 1P
   DC Fans and Blowers
PM082-12D-4B PURDY-PM082-12D-4B Datasheet
66Kb / 1P
   DC Fans and Blowers
PO004 PURDY-PO004 Datasheet
62Kb / 1P
   DC Fans and Blowers
PO045 PURDY-PO045 Datasheet
91Kb / 1P
   DC Fans and Blowers
PO053 PURDY-PO053 Datasheet
69Kb / 1P
   DC Fans and Blowers
HS-05D-4508S-4 PURDY-HS-05D-4508S-4 Datasheet
100Kb / 1P
   DC Fans and Blowers
POB28 PURDY-POB28 Datasheet
85Kb / 1P
   DC Fans and Blowers
PO002 PURDY-PO002 Datasheet
62Kb / 1P
   DC Fans and Blowers
PO025 PURDY-PO025 Datasheet
193Kb / 1P
   DC Fans and Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com