Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND-TFT-8LP-KIT Datasheet(PDF) 5 Page - Purdy Electronics Corporation

Part # AND-TFT-8LP-KIT
Description  TFT LCD Color Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-8LP-KIT Datasheet(HTML) 5 Page - Purdy Electronics Corporation

  AND-TFT-8LP-KIT Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-8LP-KIT Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-8LP-KIT Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-8LP-KIT Datasheet HTML 4Page - Purdy Electronics Corporation AND-TFT-8LP-KIT Datasheet HTML 5Page - Purdy Electronics Corporation AND-TFT-8LP-KIT Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
05/09/11
5
AND-TFT-8LP-KIT
TFT LCD Color Module
Pin Description - J101B: Pin Assignment of Analog RGB Input (D-Sub 15 Pin)
Pin No.
Symbol
I/O
Description
1
RI+
I
Analog Red Signal
2
GI+
I
Analog Green Signal
3
BI+
I
Analog Blue Signal
4
NC
No Connection
5
GND
Ground
6
AGND
Analog Ground
7
AGND
Analog Ground
8
AGND
Analog Ground
9
VGA5V
VGA +5V Input
10
VGA-DET
I
VGA Detect
11
NC
No Connection
12
NC
No Connection
13
HS_IN
I
TTL Horizontal Sync
14
VS_IN
I
TTL Vertical Sync
15
NC
No Connection
Pin Description - J104: Pin Assignment of UART (Pitch 1.25 mm 4 Pin, Top Entry Type)
Pin No.
Symbol
I/O
Description
1
TX
O
UART Transmission Data
2
RX
I
UART Receive Data
3
GND
Ground
4
+5VA
O
+5V Output Volttage
Pin Description - DC JACK: Pin Assignment of Power Input (Inside Diameter 2.1 φ Outside Diameter 5.5 φ Side Entry Type)
Pin No.
Symbol
I/O
Description
1
VIN
I
+12V Input Voltage
2
GND
Ground
Pin Description - RCA: Pin Assignment of Video INput (RCA JACK Yellow, Side Entry Type)
Pin No.
Symbol
I/O
Description
1
Video
I
Video Input
2
AGND
Analog Ground
Pin Description - J401B: Pin Assignment of Touch USB (USBA-Female 2.0mm, Side Entry Type) (Option)
Pin No.
Symbol
I/O
Description
1
DGND
Digital Ground
2
D+
DATA (+)
3
D-
DATA (-)
4
VBUS
USB VCC


Similar Part No. - AND-TFT-8LP-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-8LP PURDY-AND-TFT-8LP Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-8LP PURDY-AND-TFT-8LP Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-8LP PURDY-AND-TFT-8LP Datasheet
686Kb / 6P
   TFT LCD Color Module
More results

Similar Description - AND-TFT-8LP-KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com