Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND-TFT-8LP Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND-TFT-8LP
Description  TFT LCD Color Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-8LP Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND-TFT-8LP Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-8LP Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-8LP Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-8LP Datasheet HTML 4Page - Purdy Electronics Corporation AND-TFT-8LP Datasheet HTML 5Page - Purdy Electronics Corporation AND-TFT-8LP Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
2
AND-TFT-8LP
TFT LCD Color Module
Item
Symbol
I/O
Specifications
Unit
Remark
Min.
Typ.
Max.
Input Voltage
Vin
I
+10
+12
+14
V
Total Current
Iin
I
mA
Power Consumption
=
I
W
@ +12V
Output Voltage
VDD
O
+3.2
+3.3
+3.4
V
I=10mA
Video Input Signal
Video in
I
1.0
Vp-p
@ 75 Ω
Analog RGB Input Signal
Analog RGB in
RGB
0.7
Vp-p
@ 75 Ω
Electrical Characteristics - Recommended Operating Conditions (Ta = 25ºC)
Optical Specifications (Ta = 25 ºC)
Item
Symbol
Remarks
Min.
Specifications
Typ.
Max.
Units
Viewing Angle
Horizontal
Left
CR ≥ 10
70
deg
Right
70
Vertical
Top
70
Bottom
50
Contrast Ratio
Luminance when LCD is white
Luminance when LCD i black
CR
θ
= 0º
400
500
Response Time
Rise
Tr
θ
= 0º
10
ms
Fall
Tf
θ
= 0º
15
ms
Brightness
LUM
200
250
cd/m2
Uniformity (%)
U
70
75
%
White
Chhromaticity
x
θ
= 0º
0.26
0.31
0.36
y
θ
= 0º
0.28
0.33
0.38
LED Life Time
+25º
20,000
Hr
09/04/13


Similar Part No. - AND-TFT-8LP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-8LP PURDY-AND-TFT-8LP Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-8LP PURDY-AND-TFT-8LP Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-8LP-KIT PURDY-AND-TFT-8LP-KIT Datasheet
502Kb / 6P
   TFT LCD Color Module
More results

Similar Description - AND-TFT-8LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com