Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND035VX-UHB-LED Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND035VX-UHB-LED
Description  Ultra High Bright TFT LCD Color Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND035VX-UHB-LED Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND035VX-UHB-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
06/07/10
1
AND035VX-UHB-LED
Ultra High Bright TFT LCD Color Module
AND035VX-UHB-LED
Ultra High Bright 3.5” TFT LCD
LCD Color Module
The AND035VX-UHB-LED is a compact full color TFT LCD module, that is
suitable for security, video games, door phones, video phones, portable TV
and instrument displays and other electronic products which require high
quality flat panel displays. This device consists of an amorphous silicon TFT
LCD panel with LED B/L that has 640 x 480 pixels on a 3.5 inch diagonal
screen.
Features
• Rugged 800 nit ultra bright LED backlight
• Amorphous silicon TFT LCD panel with LED B/L
• Module with resistive type touch panel (optional)
• Applications daylight readable / night vision camera
• Pixel in stripe configuration
• High Resolution: 262,144 Dots (640 x 480)
• Optimum viewing direction: 6 o’clock
• Auto-detect input signal when power on
• Input Signal: D-Sub BGA signal, dual composite video channels & S-Video
• Operating Temp: 0ºC ~ 60ºC; Storage Temp: -20ºC ~ 80ºC
• RoHS complliant
Absolute Maximum Ratings: GND = 0V, Ta = 25ºC
Item
Symbol
Conditions
Absolute Maximum Rating
Unit
Min.
Max.
Supply Voltage
V
DD1
-0.3
2
V
V
CC
-0.3
5
V
DD2
-0.5
12.0
V
GG
-0.3
40.0
V
GH - VGL
40.0
V
EE
-20
0.3
Operating Temperature
(Contrast, response time, other display optical characters are Ta = +25)
T
OP
0
+60
º C
Storage Temperature
T
STG
-20
+80
º C
Mechanical Characteristics
Item
Standard Value
Unit
Screen size
3.5 inch (diagonal)
inch
Display Format
640 x (R, G, B) x 480
dot
Display Colors
262,144
Active Area
72 (W) x 52.56 (H)
mm
Pixel Pitch
0.1125 (W) x 0.1095 (H)
mm
Pixel Configuration
Stripe
Outline Dimensions
84.25 (W) x 65.4 (H) x 4.45 (D) (Typ.)
mm
Weight
52 ± 5
g
Surface Treatment
AG
Surface Treatment of Touch Panel
3H
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the
design of equipment incorporating this product.


Similar Part No. - AND035VX-UHB-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND000802A-OLED PURDY-AND000802A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND000802A-OLED PURDY-AND000802A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND001601A-OLED PURDY-AND001601A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND001601A-OLED PURDY-AND001601A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND001602A-OLED PURDY-AND001602A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - AND035VX-UHB-LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com