Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28610D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28610D
Description  Green-Mode Flyback Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28610D Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28610D Datasheet HTML 5Page - Texas Instruments UCC28610D Datasheet HTML 6Page - Texas Instruments UCC28610D Datasheet HTML 7Page - Texas Instruments UCC28610D Datasheet HTML 8Page - Texas Instruments UCC28610D Datasheet HTML 9Page - Texas Instruments UCC28610D Datasheet HTML 10Page - Texas Instruments UCC28610D Datasheet HTML 11Page - Texas Instruments UCC28610D Datasheet HTML 12Page - Texas Instruments UCC28610D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
7.0
7.6
8.0
7.8
7.2
7.4
-40 -25 -10
125
T
A – Ambient Temperature – °C
5
20
35
50
65
80
95 110
8
20
0
50
100
200
250
300
60
100
160
120
I
FB – Feedback Control Current – mA
150
40
140
80
-40 -25 -10
125
T
J – Junction Temperature – °C
600
550
700
900
650
750
850
800
5
20
35
50
65
80
95 110
0
20
VDD – Bias Voltage – V
0.5
0.0
1.5
3.5
1.0
2.0
3.0
2.5
5
10
15
VDD rising
0 V to 20V
I
FB= 10 mA,
VDD falling
20V to 0 V
I
FB= 0 mA,
VDD falling
20V to 0 V
8
2.8
2.6
10
12
16
18
20
3.2
3.4
4.0
3.6
VDD – Bias Supply Voltage – V
14
I
FB = 10 mA
V
ZCD = 1V
V
VGG = OPEN
V
VDD decreasing from 20 V
3.0
3.8
600
550
20
700
900
8
10
12
16
18
VDD – Bias Supply Voltage – V
14
650
750
850
800
I
FB = 280.4 mA
V
VGG = OPEN
V
VDD decreasing from 20 V
UCC28610
www.ti.com
SLUS888G – JANUARY 2009 – REVISED SEPTEMBER 2015
6.6 Typical Characteristics
Unless otherwise stated: VDD = 12 V, VGG = 12 V, ZCD = 1 V, IFB = 10 µA, GND = 0 V, a 0.1-μF capacitor between VDD
and GND, a 0.1-
μF capacitor between VGG and GND, RCL = 33.2 kΩ, RMOT = 380 kΩ, –40°C < TA < +125°C, TJ = TA
Figure 2. Bias Supply Current vs Bias Supply Voltage
Figure 3. Bias Supply Current vs Bias Supply Voltage
During Operation
During Green Mode
Figure 4. Bias Supply Current vs Temperature During Green
Figure 5. Operational IVDD – Bias Current vs Bias Voltage
Mode
Figure 6. Oscillator Frequency vs Feedback Current
Figure 7. Minimum Switching Period vs Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC28610


Similar Part No. - UCC28610D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610DR TI-UCC28610DR Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
More results

Similar Description - UCC28610D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610 TI-UCC28610 Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
logo
Excelliance MOS Corp.
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Excelliance MOS Corp.
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com