Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28610 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28610
Description  Green-Mode Flyback Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28610 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28610 Datasheet HTML 1Page - Texas Instruments UCC28610 Datasheet HTML 2Page - Texas Instruments UCC28610 Datasheet HTML 3Page - Texas Instruments UCC28610 Datasheet HTML 4Page - Texas Instruments UCC28610 Datasheet HTML 5Page - Texas Instruments UCC28610 Datasheet HTML 6Page - Texas Instruments UCC28610 Datasheet HTML 7Page - Texas Instruments UCC28610 Datasheet HTML 8Page - Texas Instruments UCC28610 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
+
-
V
OUT
VDD
VGG
ZCD
FB
CL
DRV
GND
MOT
UCC28610
V
IN
AC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
UCC28610
SLUS888G – JANUARY 2009 – REVISED SEPTEMBER 2015
UCC28610 Green-Mode Flyback Controller
1 Features
3 Description
The UCC28610 brings a new level of performance
1
Cascoded Configuration Allows Fully Integrated
and reliability to the AC and DC consumer power
Current Control Without External Sense Resistor
supply solution.
Fast Start Up With Low Standby Power Achieved
A
PWM
modulation
algorithm
varies
both
the
by Cascode Configuration
switching
frequency
and
primary
current
while
Frequency and Peak Current Modulation for
maintaining
discontinuous
or
transition
mode
Optimum Efficiency Over Entire Operating Range
operation over the entire operating range. Combined
Green-Mode (GM) Burst Switching Packets
with a cascoded architecture, these innovations result
Improve No-Load Efficiency
in
efficiency,
reliability,
and
system
cost
improvements
over
a
conventional
flyback
Advanced Overcurrent Protection Limits RMS
architecture.
Input and Output Currents
The UCC28610 offers a predictable maximum power
Thermal Shutdown
threshold and a timed response to an overload,
Timed Overload With Retry or Latch-Off
allowing safe handling of surge power requirements.
Response
Overload fault response is user-programmed for retry
Programmable Opto-Less Output Overvoltage
or latch-off mode. Additional protection features
Protection
include output overvoltage detection, programmable
maximum on-time, and thermal shutdown.
Fast Latched Fault Recovery
8-Pin SOIC Package and 8-Pin PDIP Lead-Free
Device Information(1)
Packages
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm x 3.91 mm
2 Applications
UCC28610
PDIP (8)
9.81 mm x 6.35 mm
Universal Input AC and DC Adapters, 12 to 65 W
(1) For all available packages, see the orderable addendum at
High Efficiency Housekeeping and Auxillary
the end of the datasheet.
Power Supplies
Offline Battery Chargers
Consumer Electronics (DVD Players, Set-Top
Boxes, DTV, Gaming, Printers)
Simplified Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC28610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610 TI-UCC28610 Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
UCC28610DR TI-UCC28610DR Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
UCC28610P TI-UCC28610P Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
More results

Similar Description - UCC28610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610 TI-UCC28610 Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
logo
Excelliance MOS Corp.
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Excelliance MOS Corp.
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com