Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28251 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 6Page - Texas Instruments UCC28251_15 Datasheet HTML 7Page - Texas Instruments UCC28251_15 Datasheet HTML 8Page - Texas Instruments UCC28251_15 Datasheet HTML 9Page - Texas Instruments UCC28251_15 Datasheet HTML 10Page - Texas Instruments UCC28251_15 Datasheet HTML 11Page - Texas Instruments UCC28251_15 Datasheet HTML 12Page - Texas Instruments UCC28251_15 Datasheet HTML 13Page - Texas Instruments UCC28251_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
3.2505
3.251
3.2515
3.252
3.2525
3.253
−45
−15
15
45
75
105
135
TJ − Temperature (°C)
VDD = 7V
VDD = 12V
VDD = 17V
ILOAD = 2mA
G000
3.242
3.244
3.246
3.248
3.25
3.252
3.254
3.256
3.258
−45
−15
15
45
75
105
135
TJ − Temperature (°C)
ILOAD = 10uA
ILOAD = 1mA
ILOAD = 10mA
VDD = 12V
G000
-45
135
T
J - Temperature - °C
0.2
0.3
0.4
0.7
45
0.6
15
-15
75
105
V
HICC_RST
V
HICC_SD
0.5
10
30
50
70
90
−45
−15
15
45
75
105
135
TJ − Temperature (°C)
TPD_ILIM
TBLANK
G000
-45
135
T
J - Temperature - °C
1.5
2.0
3.0
5.0
45
4.5
15
-15
75
105
3.5
V
HICC_PU
V
CS(max)
2.5
4.0
503.6
503.8
504
504.2
504.4
504.6
504.8
505
505.2
−45
−15
15
45
75
105
135
TJ − Temperature (°C)
G000
UCC28251
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 7. Cycle-by-Cycle Current Limit vs Temperature
Figure 8. RAMP/CS Clamp Voltage and Hiccup Pull-Up
Threshold vs Temperature
Figure 9. Propagation Delay/Leading Edge Blanking vs
Figure 10. Current Limit Shutdown Delay Timer and Hiccup
Temperature
Restart vs Temperature
Figure 11. Reference Voltage vs Temperature
Figure 12. Reference Voltage vs Temperature
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: UCC28251


Similar Part No. - UCC28251_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
More results

Similar Description - UCC28251_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com