Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28250 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC28250
Description  Advanced PWM Controller With Pre-Bias Operation
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28250 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28250_15 Datasheet HTML 7Page - Texas Instruments UCC28250_15 Datasheet HTML 8Page - Texas Instruments UCC28250_15 Datasheet HTML 9Page - Texas Instruments UCC28250_15 Datasheet HTML 10Page - Texas Instruments UCC28250_15 Datasheet HTML 11Page - Texas Instruments UCC28250_15 Datasheet HTML 12Page - Texas Instruments UCC28250_15 Datasheet HTML 13Page - Texas Instruments UCC28250_15 Datasheet HTML 14Page - Texas Instruments UCC28250_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
0.3V
SS
EN
UVLO
CLK
UCC28250
www.ti.com
SLUSA29C
– APRIL 2010 – REVISED JULY 2011
DETAILED PIN DESCRIPTIONS
VDD (5/12)
The UCC28250 can be powered up by a wide supply range from 4.3 V (UVLO rising typical) to 20 V (absolute
maximum), making it suitable for primary-side control or secondary-side control. When the voltage at the VDD
pin is lower than 4.1 V (typical), the controller is in stand-by mode and consumes 150
µA (typical) at 3.6 V VDD.
In stand-by mode, VREF continues to be regulated to 3.3 V or follows VDD if VDD is lower than 3.3 V. Please
refer to the VREF description for more detailed information. A minimum 1-
µF bypass capacitor is required from
VDD to ground. Keep the bypass capacitor as close to the device as possible.
VREF (Reference Generator) (20/7)
The VREF pin is regulated at 3.3 V. An external ceramic capacitor must be placed as close as possible to the
VREF and GND pins for noise filtering and to provide compensation to the regulator. The capacitance range
must be limited between 0.5
µF to 2 µF for stability. This reference is used to power the controller’s internal
circuits, and can also be used to bias an opto-coupler transistor, an external house-keeping microcontroller, or
other peripheral circuits. This reference can also be used to generate the reference for an external error
amplifier. This regulator output is internally current limited to 25 mA (typical).
EN (Enable Pin) (18/5)
The following conditions must be met before the controller allows start up:
1. VDD voltage is above the rising UVLO threshold 4.3 V (typical);
2. The 3.3-V reference voltage output at the VREF pin is available and above 2.4 V (typical);
3. Junction temperature is below the thermal shutdown threshold 130
°C (minimum);
4. The voltage at OVP is below 0.7 V (typical).
If all these conditions are met, the signal driving the EN pin is able to initiate the soft start process. Once the
device is enabled, the 27-
µA internal charging current at the SS pin is turned on and begins to charge the
soft-start capacitor. The EN pin can accept both level-enable and pulse-enable signals.
For level-enable, the voltage level on the EN pin needs to be continuously higher than 2.25 V to allow continuous
operation. Once the EN pin falls below 2.25 V, the device is disabled (see Figure 3).
Figure 3. Level Enable at EN pin
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com