Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28220 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC28220
Description  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28220 Datasheet(HTML) 5 Page - Texas Instruments

  UCC28220_15 Datasheet HTML 1Page - Texas Instruments UCC28220_15 Datasheet HTML 2Page - Texas Instruments UCC28220_15 Datasheet HTML 3Page - Texas Instruments UCC28220_15 Datasheet HTML 4Page - Texas Instruments UCC28220_15 Datasheet HTML 5Page - Texas Instruments UCC28220_15 Datasheet HTML 6Page - Texas Instruments UCC28220_15 Datasheet HTML 7Page - Texas Instruments UCC28220_15 Datasheet HTML 8Page - Texas Instruments UCC28220_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UCC28220, UCC28221
SLUS544E − SEPTEMBER 2003 − REVISED MARCH 2009
5
www.ti.com
ELECTRICAL CHARACTERISTICS:
VDD = 12 V, 0.1-µF capacitor from VDD to GND, 0.1-µF capacitor from REF to GND, FOSC = 1 MHz, TA = −40°C to
105
°C, TA = TJ, (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Output Section (OUT1, OUT2)
Low level
IOUT = 10 mA
0.4
1
V
High level
IOUT = −10 mA, VREF – VOUT
0.4
1
V
Rise time
CLOAD = 50 pF
10
20
ns
Fall time
CLOAD = 50 pF
10
20
ns
LINE Sense section
LINEOV threshold
TA = 25°C
1.240
1.260
1.280
LINEOV threshold
TA =−40°C to 105°C
1.235
1.260
1.285
LINEUV threshold
TA = 25°C
1.240
1.260
1.280
V
LINEUV threshold
TA =−40°C to 105°C
1.235
1.260
1.285
V
LINEHYST pull up voltage
LINEOV = 2 V, LINEUV = 2 V
3.1
3.25
3.4
LINEHYST off leakage
LINEOV = 0 V, LINEUV = 2 V
−500
0
500
nA
LINEHYS pull-up resistance
I = −20
µA
100
500
LINEHYS pull-down resistance
I = 20
µA
100
500
LINEOV, LINEUV bias I
LINEOV = 1.25 V, LINEUV = 1.25 V
−500
500
nA
NOTES: (1). Ensured by design. Not 100% tested in production.


Similar Part No. - UCC28220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI1-UCC28220_15 Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
More results

Similar Description - UCC28220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com