Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28063DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28063DR
Description  Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28063DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28063DR Datasheet HTML 5Page - Texas Instruments UCC28063DR Datasheet HTML 6Page - Texas Instruments UCC28063DR Datasheet HTML 7Page - Texas Instruments UCC28063DR Datasheet HTML 8Page - Texas Instruments UCC28063DR Datasheet HTML 9Page - Texas Instruments UCC28063DR Datasheet HTML 10Page - Texas Instruments UCC28063DR Datasheet HTML 11Page - Texas Instruments UCC28063DR Datasheet HTML 12Page - Texas Instruments UCC28063DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
0
50
100
150
200
250
300
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
VVSENSE − Input Voltage (V)
G005
−150
−100
−50
0
50
100
150
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
VVSENSE − Input Voltage (V)
Transconduction 54 µS
LOW_OV
Trigger
LOW_OV
Clear
G004
0
25
50
75
100
125
150
0
1
2
3
4
5
6
VVSENSE − Input Voltage (V)
G003
5.90
5.92
5.94
5.96
5.98
6.00
6.02
6.04
6.06
6.08
6.10
−40
−20
0
20
40
60
80
100
120
TJ − Temperature (°C)
G002
0.01
0.1
1
10
0
2
4
6
8
10
12
14
16
18
20
VCC − Bias Supply Voltage (V)
VCC Turn OFF
VCC Turn ON
Enabled
Disabled
G000
0.01
0.1
1
10
−40
−20
0
20
40
60
80
100
120
TJ − Temperature (°C)
Enabled
Disabled
G001
UCC28063
www.ti.com
SLUSAO7A – SEPTEMBER 2011 – REVISED DECEMBER 2014
7.6 Typical Characteristics
At VCC = 16 V, AGND = PGND = 0 V, VINAC = 3 V, VSENSE = 6 V, HVSEN = 3 V, PHB = 5 V, RTSET = 133 kΩ;
all voltages are with respect to GND, all outputs unloaded, TJ = TA = +25 °C, and currents are positive into and
negative out of the specified terminal, unless otherwise noted.
Figure 1. Bias Supply Current vs Bias Supply Voltage
Figure 2. Bias Supply Current vs Temperature
IVREF = 0 to –2 mA
Figure 3. Reference Voltage vs Temperature
Figure 4. VSENSE Input Bias Current vs Input Voltage
Soft-Start Completed
Figure 5. Error Amplifier Output Current vs Input Voltage
Figure 6. Error Amplifier Transconductance vs VSENSE
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC28063


Similar Part No. - UCC28063DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28063D TI-UCC28063D Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
More results

Similar Description - UCC28063DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061-Q1 TI1-UCC28061-Q1 Datasheet
982Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061DR TI1-UCC28061DR Datasheet
864Kb / 35P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise
UCC28063A TI-UCC28063A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible and Input Surge Noise Immunity
UCC28064 TI1-UCC28064 Datasheet
1Mb / 49P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller with Improved Light-Load Efficiency
UCC28060 TI-UCC28060_15 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com