Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28019 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC28019
Description  8-Pin Continuous Conduction Mode (CCM) PFC Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28019 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28019_15 Datasheet HTML 1Page - Texas Instruments UCC28019_15 Datasheet HTML 2Page - Texas Instruments UCC28019_15 Datasheet HTML 3Page - Texas Instruments UCC28019_15 Datasheet HTML 4Page - Texas Instruments UCC28019_15 Datasheet HTML 5Page - Texas Instruments UCC28019_15 Datasheet HTML 6Page - Texas Instruments UCC28019_15 Datasheet HTML 7Page - Texas Instruments UCC28019_15 Datasheet HTML 8Page - Texas Instruments UCC28019_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
CONTENTS
TYPICAL APPLICATION DIAGRAM
+
Bridge
Rectifier
LINE
INPUT
V
OUT
EMI Filter
UCC28019
R
load
GND
ICOMP
ISENSE
GATE
VCC
VSENSE
VCOMP
VINS
1
2
3
4
8
7
6
5
Auxilary
Supply
UCC28019
SLUS755B – APRIL 2007 – REVISED DECEMBER 2007
www.ti.com
8-Pin Continuous Conduction Mode (CCM) PFC Controller
• 8-pin Solution Without Sensing Line Voltage
The UCC28019 8-pin active Power Factor Correction
Reduces External Components
(PFC) controller uses the boost topology operating in
Continuous Conduction Mode (CCM). The controller
• Wide-Range Universal AC Input Voltage
is suitable for systems in the 100 W to >2 kW range
• Fixed 65-kHz Operating Frequency
over a wide-range universal ac line input. Startup
• Maximum Duty Cycle of 97%
current during under-voltage lockout is less than 200
µA. The user can control low power standby mode by
• Output Over/Under-Voltage Protection
pulling the VSENSE pin below 0.77 V.
• Input Brown-Out Protection
Low-distortion wave-shaping of the input current
• Cycle-by-Cycle Peak Current Limiting
using average current mode control is achieved
• Open Loop Detection
without input line sensing, reducing the Bill of
• Low-Power User Controlled Standby Mode
Materials component count. Simple external networks
allow for flexible compensation of the current and
voltage control loops. The switching frequency is
internally fixed and trimmed to better than 5%
• CCM Boost Power Factor Correction Power
accuracy at 25
°C. Fast 1.5-A gate peak current drives
Converters in the 100 W to >2 kW Range
the external switch.
• Server and Desktop Power Supplies
Numerous system-level protection features include
• Telecom Rectifiers
peak
current
limit,
soft
over-current
detection,
• Industrial Electronics
open-loop
detection,
input
brown-out
detection,
• Home Electronics
output
over-voltage
protection/under-voltage
detection, a no-power discharge path on VCOMP,
and overload protection on ICOMP. Soft-Start limits
• Electrical Characteristics 3
boost current during start-up. A trimmed internal
reference provides accurate protection thresholds
• Device Information 10
and regulation set-point. An internal clamp limits the
• Application Information 12
gate drive voltage to 12.5 V.
• Design Example 23
• Additional References 43
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC28019_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results

Similar Description - UCC28019_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI-UCC28019 Datasheet
821Kb / 48P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A_15 Datasheet
1Mb / 52P
[Old version datasheet]   UCC28019A 8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com