Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC25710 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC25710
Description  LLC Half-Bridge Controller For Multi-String LED Lighting
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC25710 Datasheet(HTML) 4 Page - Texas Instruments

  UCC25710_15 Datasheet HTML 1Page - Texas Instruments UCC25710_15 Datasheet HTML 2Page - Texas Instruments UCC25710_15 Datasheet HTML 3Page - Texas Instruments UCC25710_15 Datasheet HTML 4Page - Texas Instruments UCC25710_15 Datasheet HTML 5Page - Texas Instruments UCC25710_15 Datasheet HTML 6Page - Texas Instruments UCC25710_15 Datasheet HTML 7Page - Texas Instruments UCC25710_15 Datasheet HTML 8Page - Texas Instruments UCC25710_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
UCC25710
SLUSAD7A
– APRIL 2011 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = -40°C to 125°C, TA = TJ, VVCC = 12 V, VBLON = 3 V, VUV = 3 V, VOV = 2 , VCL = 0 V, RMIN = 100 kΩ, RMAX = 4.99 kΩ,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Input
VVCCMAX
VCC operating voltage
18
V
IOFF
Supply current, off
VVCC = 8 V
160
250
µA
ION
Supply current, on
Switching frequency = FMIN (30 KHz)
1.4
2.1
mA
IDISABLE
Supply current, disabled
VVCC = 12 V, VBLON = 0 V
240
350
µA
ILATCHOFF
Supply current, latched off
Fault latch set
600
900
Under-Voltage Lockout
VVCCON
VCC turn-on threshold
VVCC low-to-high
8.6
9.3
10.1
VVCCOFF
VCC turn-off threshold
VVCC high-to-low
8.3
9.0
9.6
V
VVCCHYS
Hysteresis
0.20
0.35
0.50
5-V Reference Output
VVREF
5-V Reference
IVREF = 0 to 10 mA, TJ = 25°C
4.95
5.00
5.05
V
VVREF
5-V Reference
IVREF = 0 to 10 mA, TJ = -40°C to 125°C
4.85
5.00
5.15
Current Amplifier
VICOMPIOS
Input offset voltage
VCREF = 1.65 V, ICOMP tied to CS
-15
15
mV
ICS
Input bias current at CS input
VCREF = 1.65 V, VCS = 1.65 V
-0.25
0.25
µA
Input bias current at CREF
ICR
VCREF = 1.65 V, VCS = 1.65 V
-0.25
0.25
input
VICOMPHI
ICOMP high
VCS = 0 V, VCREF = 1.65 V, IICOMP = 50 µA
4.6
4.85
V
VICOMPLO
ICOMP low
VCS = 3 V, VCREF = 1.65 V, IICOMP = -50 µA
0.35
0.65
GMICOMP
ICOMP transconductance
ICOMP tied to CS, IICOMP = -100 µA to 100 µA
440
510
600
µS
IICOMPSRC
Source current ICOMP
VCS = 0.65 V, VCREF = 1.65 V, VICOMP = 2.5 V
120
150
180
IICOMPSNK
Sink current ICOMP
VCS = 2.65 V, VCREF = 1.65 V, VICOMP = 2.5 V
195
245
295
µA
LED off leakage current at
IICOMPLGK
VDIM = 0 V, VICOMP = 2.5 V, TJ = -40°C to 85°C
-0.1
0.1
ICOMP
VCREF = 0 V, ICOMP tied to CS, regulating voltage
VCREFCLO
CREF low Clamp
0.475
0.500
0.535
at ICOMP
V
VCREF = 3 V, ICOMP tied to CS, regulating voltage
VCREFCHI
CREF high Clamp
2.65
2.80
2.95
at ICOMP
Soft Start
ISS
Soft-start charging current
VSS = 2.25 V
2.0
2.5
3.0
µA
Soft-start discharge
RSSDC
VSS = 1 V
3.4
5.0
K
resistance
VSSTH
Soft-start threshold
SS clamp released
3.95
4.15
4.40
V
TRSTDLY
Reset delay
From UVLO turn on to start of soft start
7
10
13
ms
Voltage Controlled Oscillator
FMIN
FMIN GD1, GD2
RMIN = 100 kΩ, VICOMP = 5 V
29.5
30.5
31.5
kHz
FMAX
FMAX GD1, GD2
RMIN = 100 kΩ, RMAX = 4.99 kΩ, VICOMP = 0.95 V
275
300
320
TDT
Dead time GD1, GD2
RMIN = 100 kΩ, VICOMP = 3 V
400
500
600
ns
TMATCH
On-time mismatching
RMIN = 100 kΩ, VICOMP = 3 V
-50
50
VVCOTHLO
VICOMP VCO Threshold Low
Disable GD1, GD2, VICOMP high to low
0.80
0.90
0.95
V
VVCOMAX
VICOMP for FMIN
Frequency reaches FMIN
3.8
4.0
4.2
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): UCC25710


Similar Part No. - UCC25710_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25710DW TI1-UCC25710DW Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
UCC25710DWR TI1-UCC25710DWR Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
More results

Similar Description - UCC25710_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25710 TI1-UCC25710 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
NCL30059 ONSEMI-NCL30059 Datasheet
178Kb / 16P
   High-Voltage Half-Bridge Controller for LED Lighting Applications
February, 2017 ??Rev. P1
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
Microsemi Corporation
LX1996 MICROSEMI-LX1996 Datasheet
1,018Kb / 22P
   Multi-string LED Back-light Controller
logo
ON Semiconductor
NCV78247 ONSEMI-NCV78247 Datasheet
387Kb / 23P
   Series String Pixel Controller for Automotive (Front) Lighting
September, 2017 ??Rev. 2
logo
MPS Industries, Inc.
P6503 MPSIND-P6503 Datasheet
462Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com