Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2897APWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2897APWR
Description  Advanced Current-Mode Active-Clamp PWM Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2897APWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC2897APWR Datasheet HTML 5Page - Texas Instruments UCC2897APWR Datasheet HTML 6Page - Texas Instruments UCC2897APWR Datasheet HTML 7Page - Texas Instruments UCC2897APWR Datasheet HTML 8Page - Texas Instruments UCC2897APWR Datasheet HTML 9Page - Texas Instruments UCC2897APWR Datasheet HTML 10Page - Texas Instruments UCC2897APWR Datasheet HTML 11Page - Texas Instruments UCC2897APWR Datasheet HTML 12Page - Texas Instruments UCC2897APWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
--50
--25
0
25
50
75
100
125
--20
--15
--10
5
15
20
0
--5
10
TJ -- Junction Temperature -- °C
Softstart Discharge Current
Softstart Charge Current
TJ -- Junction Temperature -- °C
1.20
1.22
1.24
1.26
1.28
1.30
--50
--25
0
25
50
75
100
125
0
--50
2
--40
--30
--10
0
10
4
6
8
10
12
14
16
--20
JFET Source Current
VIN = 36 V
VDD -- Supply Voltage -- V
--50
--25
0
50
100
125
0
5
10
15
20
25
75
TJ -- Junction Temperature -- °C
--50
2
0
--25
4
6
8
10
12
14
0
25
50
75
100
125
TJ -- Junction Temperature -- °C
UVLO On
UVLO Off
UVLO Hysteresis
0
0
2
0.5
1.0
1.5
2.0
2.5
4
6
8
10
12
14
16
VDD -- Supply Voltage -- V
UCC2897A
www.ti.com
SLUS829E – AUGUST 2008 – REVISED APRIL 2015
7.7 Typical Characteristics
Figure 3. Quiescent Current vs. Supply Voltage
Figure 2. UVLO Voltage Thresholds vs. Junction
Temperature
Figure 5. Typical Startup Current Available From VDD vs.
Figure 4. Supply Current vs. Supply Voltage
Temperature
Figure 6. Line UV/OV Voltage Threshold vs. Junction
Figure 7. Softstart Currents vs. Temperature
Temperature
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC2897A


Similar Part No. - UCC2897APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2897APWR TI-UCC2897APWR Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
More results

Similar Description - UCC2897APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897 TI-UCC2897 Datasheet
482Kb / 32P
[Old version datasheet]   ADVANCED CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897 TI1-UCC2897_15 Datasheet
1,001Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com