Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC24630 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC24630
Description  UCC24630 Synchronous Rectifier Controller With Ultra-Low-Standby Current
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC24630 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC24630_15 Datasheet HTML 2Page - Texas Instruments UCC24630_15 Datasheet HTML 3Page - Texas Instruments UCC24630_15 Datasheet HTML 4Page - Texas Instruments UCC24630_15 Datasheet HTML 5Page - Texas Instruments UCC24630_15 Datasheet HTML 6Page - Texas Instruments UCC24630_15 Datasheet HTML 7Page - Texas Instruments UCC24630_15 Datasheet HTML 8Page - Texas Instruments UCC24630_15 Datasheet HTML 9Page - Texas Instruments UCC24630_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
UCC24630
SLUSC82A – MARCH 2015 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics (continued)
Over operating free-air temperature range, VDD = 12V, TA = –40°C to 125°C, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
STANDBY OPERATION
Number of switching cycles to enter
nENTO
64
standby operation during tENTO
Number of switching cycles to exit
nEN
32
standby operation during tEN
(1)
OVER TEMPERATURE PROTECTION
T(STOP)
Thermal shutdown temperature
Internal junction temperature
165
°C
(1)
The device exits standby operation as soon as nEN occurs within tEN.
6.6 Timing Requirements
Over operating free-air temperature range, VDD = 12 V, TA = –40°C to 125°C, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
DRV
tR
DRV high-side rise time
VVDD = 12 V, CL = 3.3 nF, VDRV = 2 V to 8 V
27
54
ns
VVDD = 5 V, CL = 3.3 nF, VDRV = 1 V to 4 V
50
100
ns
tF
DRV low-side fall time
VVDD = 12 V, CL = 3.3 nF, VDRV = 8 V to 2 V
20
54
ns
VVDD = 5 V, CL = 3.3 nF, VDRV = 4 V to 1 V
15
50
ns
VVPC = 1 V to –0.05 V falling to DRV high,
tDRVON
Propagation delay to DRV High
80
160
ns
VVDD = 12 V, VDRV = 0 V to 2 V
tDRVOFF
Propagation delay to DRV Low
Test mode
65
95
ns
VPC Input
tVPC-SPL
VPC sampling time window
81
100
125
ns
RTBLK = 5 kΩ
169
203
239
ns
Minimum VPC pulse for SR DRV
tVPC-BLK
operation
RTBLK = 50 kΩ
0.87
1.04
1.2
µs
SR On Control
tSRONMIN
SR minimum on time after VPC falling.
300
350
425
ns
tOFF
SR off blanking time from DRV falling.
2.35
2.5
2.65
us
CCM Dead Time
FSW = 100 kHz, RTBLK = 50 kΩ
SR turn-off dead time in CCM cycle
tCCMDT
500
600
700
ns
limit
(1 µs tVPC-BLK setting)
Standby Operation
Time to disable SR operation, enter
tENTO
Time to disable DRV
11.5
12.8
14.1
ms
standby
Time to enable SR operation, exit
tEN
Time to enable DRV(1)
2.3
2.56
2.82
ms
standby operation
(1)
The device exits standby operation as soon as nEN occurs within tEN.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: UCC24630


Similar Part No. - UCC24630_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24630DBVR TI1-UCC24630DBVR Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
UCC24630DBVT TI1-UCC24630DBVT Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
More results

Similar Description - UCC24630_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
Texas Instruments
UCC256303 TI1-UCC256303 Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
logo
STMicroelectronics
STCH02 STMICROELECTRONICS-STCH02 Datasheet
729Kb / 24P
   Offline PWM controller for ultra-low standby adapters
logo
Texas Instruments
UCC256403 TI1-UCC256403 Datasheet
1Mb / 62P
[Old version datasheet]   LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991_01 Datasheet
415Kb / 23P
   PRIMARY CONTROLLER WITH STANDBY
L5991AD13TR STMICROELECTRONICS-L5991AD13TR Datasheet
416Kb / 23P
   PRIMARY CONTROLLER WITH STANDBY
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
   PRIMARY CONTROLLER WITH STANDBY
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com