Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2897A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2897A
Description  Advanced Current-Mode Active-Clamp PWM Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2897A Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC2897A Datasheet HTML 6Page - Texas Instruments UCC2897A Datasheet HTML 7Page - Texas Instruments UCC2897A Datasheet HTML 8Page - Texas Instruments UCC2897A Datasheet HTML 9Page - Texas Instruments UCC2897A Datasheet HTML 10Page - Texas Instruments UCC2897A Datasheet HTML 11Page - Texas Instruments UCC2897A Datasheet HTML 12Page - Texas Instruments UCC2897A Datasheet HTML 13Page - Texas Instruments UCC2897A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
TJ -- Junction Temperature -- °C
0
0.2
0.4
1.0
1.2
1.4
--50
--25
0
25
50
75
100
125
0.6
0.8
Hiccup Mode
Cycle-by-Cycle Current Limit
--50
--25
0
25
50
75
100
125
2.10
2.15
2.20
2.35
2.45
2.50
2.30
2.25
2.40
TJ -- Junction Temperature -- °C
--50
--25
0
25
50
75
100
125
67
66
69
68
70
72
71
73
74
TJ -- Junction Temperature -- °C
RON = ROFF = 75 kΩ
TJ -- Junction Temperature -- °C
225
230
235
260
270
275
240
--50
--25
0
25
50
75
100
125
245
250
255
265
RON = ROFF = 75 kΩ
10
1 K
10 K
100 K
10 M
100
1000
1 M
RON = ROFF -- Timing Resistance -- kΩ
--50
0.42
0.40
--25
0
25
50
75
100
125
0.46
0.44
0.50
0.48
0.54
0.52
0.58
0.56
0.60
TJ -- Junction Temperature -- °C
UCC2897A
SLUS829E – AUGUST 2008 – REVISED APRIL 2015
www.ti.com
Typical Characteristics (continued)
Figure 8. Soft Start/Shutdown Threshold Voltage vs.
Figure 9. Switching Frequency vs. Programming Resistance
Junction Temperature
Figure 10. Oscillator Frequency vs. Junction Temperature
Figure 11. Maximum Duty Cycle vs. Junction Temperature
Figure 13. Synchronization Threshold Voltage vs. Junction
Figure 12. Current Sense Threshold Voltage vs. Junction
Temperature
Temperature
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: UCC2897A


Similar Part No. - UCC2897A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897APWR TI-UCC2897APWR Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897ARGPR TI-UCC2897ARGPR Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897ARGPT TI-UCC2897ARGPT Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
More results

Similar Description - UCC2897A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897 TI-UCC2897 Datasheet
482Kb / 32P
[Old version datasheet]   ADVANCED CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897 TI1-UCC2897_15 Datasheet
1,001Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com