Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4833NAT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4833NAT1G
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4833NAT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4833NAT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4833NAT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4833NAT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4833NAT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4833NAT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4833NAT1G Datasheet HTML 6Page - ON Semiconductor NTMFS4833NAT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTMFS4833NA
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Typ
Max
Unit
Junction−to−Case (Drain)
RqJC
1.0
1.1
°C/W
Junction−to−Ambient – Steady State (Note 4)
RqJA
43
45.6
Junction−to−Ambient – t < 10s (Note 4)
RqJA
16
17.1
Junction−to−Ambient – Steady State (Note 5)
RqJA
110
117.4
4. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
5. Surface−mounted on FR4 board using the minimum recommended pad size. (Cu area = 50 mm2 [1 oz])
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
17
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25 °C
1
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
1.9
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
7.12
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V to
11.5 V
ID = 30 A
1.4
1.9
mW
ID = 15 A
1.4
1.9
VGS = 4.5 V
ID = 30 A
2.1
2.8
ID = 15 A
2.1
2.8
Forward Transconductance
gFS
VDS = 15 V, ID = 15 A
30
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 12 V
2700
5100
7500
pF
Output Capacitance
COSS
800
1200
1600
Reverse Transfer Capacitance
CRSS
580
1300
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
7.4
37
58
nC
Threshold Gate Charge
QG(TH)
6.0
Gate−to−Source Charge
QGS
15
32
Gate−to−Drain Charge
QGD
7.0
14
21
Total Gate Charge
QG(TOT)
VGS = 11.5 V, VDS = 15 V; ID = 30 A
22
86
150
nC
SWITCHING CHARACTERISTICS (Note 7)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V, ID = 15 A,
RG = 3.0 W
16
23
30
ns
Rise Time
tr
15
50
85
Turn−Off Delay Time
td(OFF)
10
36
32
Fall Time
tf
24
71
Turn−On Delay Time
td(ON)
VGS = 11.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
8.5
12.5
16.5
ns
Rise Time
tr
15
30
45
Turn−Off Delay Time
td(OFF)
16
51
86
Fall Time
tf
14
42
6. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
7. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMFS4833NAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
121Kb / 7P
   Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
NTMFS4833NS ONSEMI-NTMFS4833NS Datasheet
149Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4833NST1G ONSEMI-NTMFS4833NST1G Datasheet
149Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
More results

Similar Description - NTMFS4833NAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com