Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81174MNTXG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP81174MNTXG
Description  4/3/2-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81174MNTXG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP81174MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 10Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 11Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 12Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP81174
www.onsemi.com
9
ELECTRICAL CHARACTERISTICS
(VVCC = 5 V, VREFIN = 1.0 V, VPSI = 3.3 V, typical values are referenced to TA = 25°C, Min and Max values are referenced to TA from 0°C
to 100
°C. unless other noted.)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Conditions
DRVON
Fall Time
CL (PCB) = 20pF,
DVo = 10% to 90%
20
ns
ENABLE
Enable Threshold
EN rising
1.1
1.15
V
EN falling
0.95
1.0
EN 3.3V IO Detection Threshold
EN rising
2.5
2.55
V
EN falling
2.35
2.4
EN Input Bias Current
External 1k pull−up to 3.3 V
1.0
mA
POWER SAVE INPUT
PSI High Threshold (3.3 V input logic),
Refer to Table 1
Rising
Falling
VhighPSI_3.3V
2.05
2.4
2.2
2.55
V
PSI High Threshold (1.8 V input logic),
Refer to Table 2
Rising
Falling
VhighPSI_1.8V
1.05
1.4
1.2
1.55
V
PSI Low Threshold
Rising
Falling
VlowPSI
0.5
0.8
0.6
0.95
V
PSI Input Bias Current (Note 3)
1.0
mA
PWM OUTPUTS
Output High Voltage
Sourcing 500
mA
3.0
V
Mid Output Voltage
1.4
1.5
1.6
V
Output Low Voltage
Sinking 500
mA
0.7
V
Rise Time
CL (PCB) = 50 pF,
DVo = 10% to 90%
10
15
ns
Fall Time
CL (PCB) = 50 pF,
DVo = 10% to 90%
10
15
ns
4/3/2 PHASE DETECTION
Gate Pin Source Current
80
uA
Gate Pin Threshold Voltage
210
240
265
mV
Phase Detect Timer
20
27
ms
VR_RDY – STARTUP
Vout Startup Delay
Measured from EN to Vout Start up
from 0 V
1.3
ms
VR_RDY Startup Delay
Measured from EN to VR_RDY
assertion
1.9
ms
VR_RDY Shutdown Delay
Measured from EN to VR_RDY
de−assertion
200
350
ns
VR_RDY Low Voltage
IVR_RDY= 10 mA (sink)
0.4
V
VR_RDY Leakage Current
VR_RDY = 5 V
0.2
mA
PROTECTION – OCP, OVP, UVP
Current Limit ILIM to VDRP Gain
0.95
1.0
1.05
V/V
Current Limit ILIM to VDRP Gain in PSI
0.25
V/V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Guaranteed by design, may not be tested.


Similar Part No. - NCP81174MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81174MNTXG ONSEMI-NCP81174MNTXG Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
More results

Similar Description - NCP81174MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com