Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81174MNTXG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP81174MNTXG
Description  4/3/2-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81174MNTXG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP81174MNTXG Datasheet HTML 2Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 3Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81174MNTXG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP81174
www.onsemi.com
6
MAXIMUM RATINGS
ELECTRICAL INFORMATION
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
COMP
5.5 V
−0.3 V
10 mA
10 mA
VDRP
5.5 V
−0.3 V
5 mA
5 mA
VSP
5.5 V
GND – 300 mV
1 mA
1 mA
VSN
GND + 300 mV
GND – 300 mV
1 mA
1 mA
DIFFOUT
5.5 V
−0.3 V
20 mA
20 mA
VR_RDY
5.5 V
−0.3 V
N/A
20 mA
VCC
7.0 V
−0.3 V
N/A
10 mA
ROSC
5.5 V
−0.3 V
1 mA
N/A
PWMVID
5.5 V
−0.3 V
(−2 V, <50 ns)
All Other Pins
5.5 V
−0.3 V
*All signals referenced to AGND unless otherwise noted.
THERMAL INFORMATION
Rating
Symbol
Value
Unit
Thermal Characteristic, QFN Package (Note 1)
Rthja
48.5
°C/W
Junction Temperature Range (Note 2)
TJ
−40 to 125
°C
Operating Ambient Temperature Range
TA
0 to 100
°C
Maximum Storage Temperature Range
TSTG
−55 to +150
°C
Moisture Sensitivity Level, QFN Package
MSL
1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
*The maximum package power dissipation must be observed.
1. JESD 51−5 (1S2P Direct−Attach Method) with 0 LFM.
2. JESD 51−7 (1S2P Direct−Attach Method) with 0 LFM.


Similar Part No. - NCP81174MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81174MNTXG ONSEMI-NCP81174MNTXG Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
More results

Similar Description - NCP81174MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com