Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP451 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP451
Description  3A Ultra-Small Low Ron
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP451 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP451 Datasheet HTML 1Page - ON Semiconductor NCP451 Datasheet HTML 2Page - ON Semiconductor NCP451 Datasheet HTML 3Page - ON Semiconductor NCP451 Datasheet HTML 4Page - ON Semiconductor NCP451 Datasheet HTML 5Page - ON Semiconductor NCP451 Datasheet HTML 6Page - ON Semiconductor NCP451 Datasheet HTML 7Page - ON Semiconductor NCP451 Datasheet HTML 8Page - ON Semiconductor NCP451 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 9
1
Publication Order Number:
NCP451/D
NCP451
3A Ultra-Small Low Ron
and Controlled Load Switch
with Auto-Discharge Path
The NCP451 is a very low Ron MOSFET controlled by external
logic pin, allowing optimization of battery life, and portable device
autonomy.
Indeed, due to a current consumption optimization with NMOS
structure, leakage currents are eliminated by isolating connected IC on
the battery when not used.
Output discharge path is also embedded to eliminate residual
voltages on the output rail.
Proposed in a wide input voltage range from 0.75 V to 5.5 V, in a
small 0.9 x 1.4 mm WLCSP6, pitch 0.5 mm.
Features
0.75 V – 5.5 V Operating Range
12 mW N MOSFET from 3.6 V to 5.5 V
13 mW N MOSFET from 1 V to 3.3 V
DC Current Up to 3 A
Output Auto−Discharge
Active High EN Pin
WLCSP6 0.9 x 1.4 mm
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Mobile Phones
Tablets
Digital Cameras
GPS
Portable Devices
www.onsemi.com
See detailed ordering, marking and shipping information on
page 10 of this data sheet.
ORDERING INFORMATION
(Top View)
PINOUT DIAGRAM
A
B
C
12
OUT
IN
OUT
IN
GND
EN
WLCSP6
FC SUFFIX
CASE 499BR
MARKING
DIAGRAM
XXXX
G
AYWW
XXXX = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
WLCSP6
AFC SUFFIX
CASE 567KB
XXXX
G
AYWW


Similar Part No. - NCP451

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
NCP4523 ONSEMI-NCP4523 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP4523 ONSEMI-NCP4523 Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
NCP4523G1T1 ONSEMI-NCP4523G1T1 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
NCP4523G1T1 ONSEMI-NCP4523G1T1 Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
More results

Similar Description - NCP451

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
   ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com