Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP436 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP436
Description  3A Ultra-Small Controlled Load Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP436 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP436 Datasheet HTML 1Page - ON Semiconductor NCP436 Datasheet HTML 2Page - ON Semiconductor NCP436 Datasheet HTML 3Page - ON Semiconductor NCP436 Datasheet HTML 4Page - ON Semiconductor NCP436 Datasheet HTML 5Page - ON Semiconductor NCP436 Datasheet HTML 6Page - ON Semiconductor NCP436 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NCP436, NCP437
http://onsemi.com
5
TIMINGS
Figure 3. Enable, Rise and Fall Time
TR
TEN
TON
TOFF
TDIS
TF
VIN
EN
VOUT
FUNCTIONAL DESCRIPTION
Overview
The NCP437 is a high side P channel MOSFET power
distribution switch designed to isolate ICs connected on the
battery in order to save energy. The part can be turned on,
with a wide range of battery from 1.0 V to 3.6 V.
Enable Input
Enable pin is an active high. The path is opened when EN
pin is tied low (disable), forcing P MOS switch off.
The IN/OUT path is activated with a minimum of VIN of
1.2 V and EN forced to high level.
Auto Discharge
NMOS FET is placed between the output pin and GND,
in order to discharge the application capacitor connected on
OUT pin.
The auto−discharge is activated when EN pin is set to low
level (disable state).
The discharge path (Pull down NMOS) stays activated as
long as EN pin is set at low level and VIN > 1.2 V.
In order to limit the current across the internal discharge
N−MOSFET, the typical value is set at 65
W.
CIN and COUT Capacitors
IN and OUT, 1
mF, at least, capacitors must be placed as
close as possible the part to for stability improvement.


Similar Part No. - NCP436

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
NCP4300A ONSEMI-NCP4300A Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300A ONSEMI-NCP4300A Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300AD ONSEMI-NCP4300AD Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
More results

Similar Description - NCP436

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
NCP336 ONSEMI-NCP336 Datasheet
396Kb / 9P
   3 A Ultra-Small Controlled Load Switch
September, 2012 ??Rev. 2
NCP339 ONSEMI-NCP339 Datasheet
250Kb / 10P
   3 A Ultra-Small Controlled Load Switch
November, 2013 ??Rev. 2
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
logo
Fairchild Semiconductor
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
FPF1203 FAIRCHILD-FPF1203 Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com