Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBA3N200S Datasheet(PDF) 10 Page - ON Semiconductor

Part # NBA3N200S
Description  3.3 V Automotive Grade M-LVDS Driver Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBA3N200S Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NBA3N200S Datasheet HTML 6Page - ON Semiconductor NBA3N200S Datasheet HTML 7Page - ON Semiconductor NBA3N200S Datasheet HTML 8Page - ON Semiconductor NBA3N200S Datasheet HTML 9Page - ON Semiconductor NBA3N200S Datasheet HTML 10Page - ON Semiconductor NBA3N200S Datasheet HTML 11Page - ON Semiconductor NBA3N200S Datasheet HTML 12Page - ON Semiconductor NBA3N200S Datasheet HTML 13Page - ON Semiconductor NBA3N200S Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NBA3N200S
www.onsemi.com
10
A. All input pulses are supplied by an Agilent 8304A Stimulus System.
B. The measurement is made on a TEK TDS6604 running TDSJIT3 application software
C. Period jitter is measured using a 100 MHz 50
±1% duty cycle clock input.
D. Peak−to−peak jitter is measured using a 200 Mbps 215−1 PRBS input.
Figure 10. Driver Jitter Measurement Waveforms
Figure 11. Receiver Voltage and Current Definitions


Similar Part No. - NBA3N200S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBA3N201S ONSEMI-NBA3N201S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N201SDG ONSEMI-NBA3N201SDG Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N201SDR2G ONSEMI-NBA3N201SDR2G Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206S ONSEMI-NBA3N206S Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206SDG ONSEMI-NBA3N206SDG Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
More results

Similar Description - NBA3N200S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBA3N201S ONSEMI-NBA3N201S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206S ONSEMI-NBA3N206S Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N011S ONSEMI-NBA3N011S Datasheet
78Kb / 5P
   3.3 V Automotive Grade LVDS Driver
December, 2016 ??Rev. 0
NBA3N012C ONSEMI-NBA3N012C Datasheet
76Kb / 4P
   3.3 V Automotive Grade LVDS Line Receiver
December, 2016 ??Rev. 0
NB3N200S ONSEMI-NB3N200S Datasheet
475Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
January, 2012 ??Rev. 0
NB3N206S ONSEMI-NB3N206S Datasheet
341Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
September, 2012 ??Rev. 0
NB3N401S ONSEMI-NB3N401S Datasheet
130Kb / 15P
   3.3 V Quad Channel Half?륞uplex M-LVDS Driver Receiver
November, 2016 ??Rev. 0
NB3N200S ONSEMI-NB3N200S_15 Datasheet
289Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
NB3N201S ONSEMI-NB3N201S_15 Datasheet
292Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com