Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3U1548CDR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3U1548CDR2G
Description  Skew Over Voltage Tolerant Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3U1548CDR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NB3U1548CDR2G Datasheet HTML 1Page - ON Semiconductor NB3U1548CDR2G Datasheet HTML 2Page - ON Semiconductor NB3U1548CDR2G Datasheet HTML 3Page - ON Semiconductor NB3U1548CDR2G Datasheet HTML 4Page - ON Semiconductor NB3U1548CDR2G Datasheet HTML 5Page - ON Semiconductor NB3U1548CDR2G Datasheet HTML 6Page - ON Semiconductor NB3U1548CDR2G Datasheet HTML 7Page - ON Semiconductor NB3U1548CDR2G Datasheet HTML 8Page - ON Semiconductor NB3U1548CDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NB3U1548C
www.onsemi.com
2
Figure 2. Pin Configuration (Top View)
OE
VDD
GND
Q4
CLK_IN
Q1
Q2
Q3
1
2
3
4
8
7
6
5
Table 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1
CLK_IN
Input
Pulldown
Single−ended clock input. LVCMOS interface levels.
2
Q1
Output
Single−ended clock output. LVCMOS interface levels.
3
Q2
Output
Single−ended clock output. LVCMOS interface levels.
4
Q3
Output
Single−ended clock output. LVCMOS interface levels.
5
Q4
Output
Single−ended clock output. LVCMOS interface levels.
6
GND
Power
Power supply ground.
7
VDD
Power
Power supply pin.
8
OE
Input
Pullup
Output enable pin. See Table 3. LVCMOS interface levels.
NOTE:
Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
CIN
Input Capacitance
4
pF
CPD
Power Dissipation Capacitance
VDD = 3.465 V
14
pF
VDD = 2.375 V
13
pF
VDD = 1.95 V
13
pF
VDD = 1.6 V
12
pF
RPULLUP
Input Pullup Resistor
51
k
W
RPULLDOWN
Input Pulldown Resistor
51
k
W
ROUT
Output Impedance
VDD = 3.3 V ± 5%
9
W
VDD = 2.5 V ± 5%
10
W
VDD = 1.8 V ± 0.15 V
12
W
VDD = 1.5 ± 0.1 V
15
W
Function Table
Table 3. OE CONFIGURATION TABLE
Input
Operation
OE
0
Q[4:1] disabled (high−impedance)
1 (default)
Q[4:1] enabled
NOTE:
OE is an asynchronous control.


Similar Part No. - NB3U1548CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3U1548CDR2G ONSEMI-NB3U1548CDR2G Datasheet
115Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
January, 2017 ??Rev. 4
More results

Similar Description - NB3U1548CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3U1548C ONSEMI-NB3U1548C_17 Datasheet
115Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
January, 2017 ??Rev. 4
logo
Integrated Device Techn...
830154I-08 IDT-830154I-08 Datasheet
291Kb / 17P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154I-08 IDT-ICS830154I-08 Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154AMI-08LF IDT-ICS830154AMI-08LF Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
logo
Renesas Technology Corp
830154I-08 RENESAS-830154I-08 Datasheet
486Kb / 18P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
March 30, 2016
logo
Micrel Semiconductor
PL123-05NSC MICREL-PL123-05NSC Datasheet
386Kb / 8P
   Low Skew Fanout Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com