Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N853531EDTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N853531EDTR2G
Description  3.3 V Xtal or LVTTL/LVCMOS Input 2:1 MUX to 1:4 LVPECL Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N853531EDTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N853531EDTR2G Datasheet HTML 1Page - ON Semiconductor NB3N853531EDTR2G Datasheet HTML 2Page - ON Semiconductor NB3N853531EDTR2G Datasheet HTML 3Page - ON Semiconductor NB3N853531EDTR2G Datasheet HTML 4Page - ON Semiconductor NB3N853531EDTR2G Datasheet HTML 5Page - ON Semiconductor NB3N853531EDTR2G Datasheet HTML 6Page - ON Semiconductor NB3N853531EDTR2G Datasheet HTML 7Page - ON Semiconductor NB3N853531EDTR2G Datasheet HTML 8Page - ON Semiconductor NB3N853531EDTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NB3N853531E
http://onsemi.com
4
Table 5. CRYSTAL CHARACTERISTICS AND CONNECTIONS
Parameter
Min
Typ
Max
Unit
Mode of Oscillation
Fundamental Parallel
Frequency
12
40
MHz
Equivalent Series Resistance (ESR)
50
W
Shunt Capacitance
7
pF
Drive Level
1
mW
Table 6. DC CHARACTERISTICS VCC = 3.3 ±5% V (3.135 to 3.465 V), VEE = 0 V, TA = −40°C to +85°C (Note 5)
Symbol
Characteristic
Min
Typ
Max
Unit
IEE
Power Supply Current
60
mA
VIH
Input HIGH Voltage
2
VCC + 0.3
V
VIL
Input LOW Voltage
−0.3
0.8
V
IIH
Input High Current (VCC = 3.456 V)
CLK, CLK_SEL = 3.456 V
CLK_EN = 3.456 V
150
5
mA
IIL
Input LOW Current (VCC = 3.456 V)
CLK, CLK_SEL = 3.456 V
CLK_EN = 3.456 V
−5
−150
mA
VOH
Output HIGH Voltage
VCC − 1.4
VCC − 0.9
V
VOL
Output LOW Voltage
VCC − 2.0
VCC − 1.7
V
VOUTSWING Output Voltage Swing (peak−to−peak)
0.6
1.0
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Outputs terminated 50 W to VCC − 2.0 V, see Figure 4.
Table 7. AC CHARACTERISTICS VCC = 3.3 ±5% V (3.135 to 3.465 V), VEE = 0 V, TA = −40°C to +85°C (Note 6)
Symbol
Characteristic
Min
Typ
Max
Unit
FMAX
Maximum Operating Frequency
0
266
MHz
tPD
Propagation Delay (Notes 7 and 9)
1.1
1.8
ns
tSKEWDC
Duty Cycle Skew same path similar conditions at 50 MHz (Notes 7, 8 and 9)
46
54
%
tSKEWO−O
Output to Output Skew Within A Device (Notes 7, 8 and 9)
30
ps
tSKEWD−D
Device to Device Skew similar path and conditions (Notes 7, 8 and 9)
200
ps
tJIT
Additive Phase Noise Jitter (RMS) @ 155.52 MHz (Integrated from 12 kHz to
20 MHz) See Figure 6. (Note 9)
0.053
ps
tr/tf
Output rise and fall times (20% and 80% points) (Note 9)
225
600
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
6. Outputs terminated 50 W to VCC − 2.0 V, see Figure 4.
7. Measured under the same supply voltage, output loading, and input conditions.
8. Similar conditions.
9. Limits do not apply to overdriving XTAL_IN.


Similar Part No. - NB3N853531EDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
NB3N853501EDTG ONSEMI-NB3N853501EDTG Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
NB3N853501EDTR2G ONSEMI-NB3N853501EDTR2G Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
More results

Similar Description - NB3N853531EDTR2G

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI_16 Datasheet
237Kb / 19P
   Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535BI-01 IDT-ICS8535BI-01 Datasheet
368Kb / 16P
   LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
   3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com