Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N3010BMNG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N3010BMNG
Description  3.3V, 12.288 MHz Audio Oversampling Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3010BMNG Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N3010BMNG Datasheet HTML 1Page - ON Semiconductor NB3N3010BMNG Datasheet HTML 2Page - ON Semiconductor NB3N3010BMNG Datasheet HTML 3Page - ON Semiconductor NB3N3010BMNG Datasheet HTML 4Page - ON Semiconductor NB3N3010BMNG Datasheet HTML 5Page - ON Semiconductor NB3N3010BMNG Datasheet HTML 6Page - ON Semiconductor NB3N3010BMNG Datasheet HTML 7Page - ON Semiconductor NB3N3010BMNG Datasheet HTML 8Page - ON Semiconductor NB3N3010BMNG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NB3N3010B
http://onsemi.com
2
Figure 2. Pinout SOIC−8 / DFN8 (Top View)
CLKA
1
2
3
4
8
7
6
5
ENABLEn
S0
REF
GND
VDD
CLKB
CFILT
NB3N3010B
Table 1. PIN DESCRIPTION
Pin
Symbol
I/O
Description
1
ENABLEn
LVTTL/
LVCMOS Input
Low active Output Enable; Defaults HIGH when left open; Internal pull−up resistor to
VDD.
2
S0
LVTTL/
LVCMOS Input
Frequency Select Input. See input frequency select Table 2 for details. Defaults HIGH
when left open. Internal pull−up resistor to VDD.
3
REF
Input
Reference Clock input
4
GND
Power Supply
Negative Supply Voltage; Ground 0 V. This pin provides GND return path to the VDD
supply.
5
CFILT
Analog
Connection for external filter capacitor for internal +1.8 V regulator; see Figure 4.
6
CLKA
LVCMOS
Output
Clock output, copy A (12.288 MHz)
7
CLKB
LVCMOS
Output
Clock output, copy B (12.288 MHz)
8
VDD
Power Supply
Positive Supply Voltage, +3.3 V $5%


Similar Part No. - NB3N3010BMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3011 ONSEMI-NB3N3011 Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
NB3N3011DTG ONSEMI-NB3N3011DTG Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
NB3N3011DTR2G ONSEMI-NB3N3011DTR2G Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
More results

Similar Description - NB3N3010BMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V60113GV3 ONSEMI-NB3V60113GV3 Datasheet
91Kb / 7P
   1.8 V 12.288 MHz OmniClock Generator
October, 2016 ??Rev. 0
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
Pericom Semiconductor C...
PI6C918 PERICOM-PI6C918 Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
   Integrated audio clock generator
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
   Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com