Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP4N50E Datasheet(PDF) 4 Page - ON Semiconductor

Part # MTP4N50E
Description  High Energy Power FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP4N50E Datasheet(HTML) 4 Page - ON Semiconductor

  MTP4N50E Datasheet HTML 1Page - ON Semiconductor MTP4N50E Datasheet HTML 2Page - ON Semiconductor MTP4N50E Datasheet HTML 3Page - ON Semiconductor MTP4N50E Datasheet HTML 4Page - ON Semiconductor MTP4N50E Datasheet HTML 5Page - ON Semiconductor MTP4N50E Datasheet HTML 6Page - ON Semiconductor MTP4N50E Datasheet HTML 7Page - ON Semiconductor MTP4N50E Datasheet HTML 8Page - ON Semiconductor MTP4N50E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MTP4N50E
http://onsemi.com
4
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
TJ, JUNCTION TEMPERATURE (°C)
Figure 2. Gate−To−Source Threshold Voltage
Variation With Temperature
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. Transfer Characteristics
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. Breakdown Voltage Variation
With Temperature
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance versus Drain Current
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. On−Resistance Variation
With Temperature
8
6
4
2
20
16
12
8
4
0
1.2
1.1
1
0.9
0.8
−50
−25
0
25
50
75
100
125
1
8
6
4
2
0
8
6
4
2
0
1.2
1.1
1
0.9
0.8
−50
0
50
100
150
2.8
2.4
1.2
0
10
8
6
4
2
0
2.5
0
TJ = 25°C
7 V
6 V
5 V
VDS = VGS
ID = 0.25 mA
TJ = 100°C
−55
°C
25
°C
VGS = 0
ID = 0.25 mA
TJ = 100°C
25
°C
−55
°C
VGS = 10 V
VGS = 10 V
ID = 2 A
VGS = 10 V
VDS ≥ 10 V
10
−50
0
50
100
2
4 V
0
2
0.8
0.4
2
1.5
1
0.5
150
8 V
2
1.6


Similar Part No. - MTP4N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP4N50E MOTOROLA-MTP4N50E Datasheet
254Kb / 8P
   TMOS POWER FET 4.0 AMPERES 500 VOLTS RDSon = 1.5 OHMS
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
VBsemi Electronics Co.,...
MTP4N50E VBSEMI-MTP4N50E Datasheet
1Mb / 9P
   N-Channel 600V (D-S)Power MOSFET
More results

Similar Description - MTP4N50E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
ON Semiconductor
MTB16N25E ONSEMI-MTB16N25E Datasheet
280Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MMFT2N25E ONSEMI-MMFT2N25E Datasheet
142Kb / 6P
   High Energy Power FET
May, 2013 ??Rev. 2
MTB3N60E ONSEMI-MTB3N60E Datasheet
146Kb / 4P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB9N25E ONSEMI-MTB9N25E Datasheet
293Kb / 12P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
MTP3N60E ONSEMI-MTP3N60E Datasheet
235Kb / 8P
   High Energy Power FET
August, 2006 ??Rev. 3
MTB10N40E ONSEMI-MTB10N40E Datasheet
282Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com