Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANS1N6321 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANS1N6321
Description  500 mW GLASS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANS1N6321 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANS1N6321 Datasheet HTML 1Page - Microsemi Corporation JANS1N6321 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - JANS1N6321

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N6320 MICROSEMI-JANS1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
More results

Similar Description - JANS1N6321

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com