Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F120-050 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F120-050
Description  PC MOUNT : SPLIT PACK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F120-050 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F120-050 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
P C
M O U N T : SPLIT PACK
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
F120-050
Description:
The F120-050 is a single primary and dual secondary, split bobbin design which
operates with an input of 115V. The output voltage will be either 120.0V with a
center-tap under a 0.05A load with the secondaries wired in series, or 60.0V
under a 0.1A load with the secondaries wired in parallel. The split bobbin design
eliminates the need for costly electrostatic shielding.
Electrical Specifications (@25C)
1. Maximum Power: 6.0VA
2. Primary:
115V
3. Secondary:
Series: 120.0V CT@ 0.05A
Parallel: 60.0V @ 0.1A
4. Voltage Regulation: 25% TYP @ full load to no load
5. Temperature Rise: 25C TYP
6. Hipot tested 100% at 2500 VRMS
Construction:
Three flange bobbin construction with primaries and secondaries wound side by
side for low capacitive coupling.
Agency File:
UL: File E53148, UL 5085-2 (506), Class B General Purpose Transformer,
cUL: File E53148, UL 5085-2 (506), Class B General Purpose Transformer,
Canadian Use (CSA 22.2, No.66.2-06)
Dimensions:
Units in inches.
H
W
L
A
B
C
D
E
F
1.312
1.312
1.625
0.250
0.350
1.280
0.041
0.020
0.234
Weight: 0.44 lbs
Schematic:
1
4
8
7
6
5
115V
50/60Hz
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
As of April 7, 2008, UL standards 506 and 1585 will be migrated to UL 5085-2
and 5085-3, respectively.
* Upon printing, this document is considered ”uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.
1
4
L
H
W
E
A
B
A
C
0.06" DIAMETER
HOLE
D
F
1
58
4
Board Layout


Similar Part No. - F120-050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F120-050 ETC2-F120-050 Datasheet
136Kb / 2P
   Power Transformers
More results

Similar Description - F120-050

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F36-170 TRIAD-F36-170 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F56-045 TRIAD-F56-045 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F56-350 TRIAD-F56-350 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
FS36-550 TRIAD-FS36-550 Datasheet
88Kb / 1P
   PC MOUNT :SPLIT PACK
FS28-420 TRIAD-FS28-420_13 Datasheet
88Kb / 1P
   PC MOUNT : SPLIT PACK
FS120-100 TRIAD-FS120-100 Datasheet
120Kb / 1P
   PC MOUNT : SPLIT PACK
F10-2000 TRIAD-F10-2000 Datasheet
136Kb / 2P
   PC MOUNT : SPLIT PACK
F36-030 TRIAD-F36-030 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F36-65 TRIAD-F36-65 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F120-100 TRIAD-F120-100 Datasheet
47Kb / 1P
   PC MOUNT : SPLIT PACK
F120-160 TRIAD-F120-160 Datasheet
47Kb / 1P
   PC MOUNT : SPLIT PACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com