Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44910 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44910
Description  SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44910 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44910 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44910 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44910 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at +25 °C, sea level
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140
Pin Length
PE44910
URL: http://www.pasternack.com/smp-male-standard-thru-hole-pcb-connector-pe44910-p.aspx
SMP Male Smooth Bore Connector Solder Attachment
Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44910
PE44910 REV 1.0


Similar Part No. - PE44910

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4491 PASTERNACK-PE4491 Datasheet
222Kb / 3P
   N Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .718 inch Hole Spacing, .120 inch Diameter
PE4491 PASTERNACK-PE4491 Datasheet
327Kb / 3P
   N Male Connector Solder Attachment
PE44911 PASTERNACK-PE44911 Datasheet
380Kb / 3P
   SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44912 PASTERNACK-PE44912 Datasheet
374Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
PE44913 PASTERNACK-PE44913 Datasheet
384Kb / 3P
   SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Mitered Body
More results

Similar Description - PE44910

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44967 PASTERNACK-PE44967 Datasheet
379Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.170 Pin Length
PE44944 PASTERNACK-PE44944 Datasheet
367Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Catchers Mitt Design with 2 Ground Posts
PE44956 PASTERNACK-PE44956 Datasheet
375Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal Catchers Mitt Design Pre-Tinned Pin
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
   SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
   SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
   SMP Male Connector Solder Attachment Thru Hole PCB
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
   SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44929 PASTERNACK-PE44929 Datasheet
369Kb / 3P
   SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44958 PASTERNACK-PE44958 Datasheet
377Kb / 3P
   SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com